Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3 Datasheet (PDF) - ON Semiconductor

CS5231-3 Datasheet PDF - ON Semiconductor
Part # CS5231-3
Download  CS5231-3 Download
File Size   146.86 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA, 3.3 V Linear Regulator with Auxiliary Control

CS5231-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5231-3 Datasheet PDF - ON Semiconductor

Part # CS5231-3
Download  CS5231-3 Click to download

File Size   146.86 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA, 3.3 V Linear Regulator with Auxiliary Control

CS5231-3 Datasheet (HTML) - ON Semiconductor


CS5231-3 Product details

500 mA, 3.3 V Linear Regulator with Auxiliary Control

The CS5231−3 combines a three−terminal linear regulator with circuitry controlling an external PFET transistor thus managing two input supplies. The part provides a 3.3 V regulated output either from the main 5.0 V supply or a 3.3 V auxiliary that switches on when the 5.0 V supply is not present. This delivers constant, uninterrupted power to the load. The CS5231−3 meets Intel’s “Instantly Available” power requirements which follows from the “Advanced Configuration and Power Interface” (ACPI) standards developed by Intel, Microsoft and Toshiba.

Features
• Linear Regulator
    − 3.3 V ± 2.0% Output Voltage
    − 3.0 mA Quiescent Current @ 500 mA
    − Fast Transient Response
    − Current Limit Protection
    − Thermal Shutdown with Hysteresis
    − 450 μA Reverse Output Current
• System Power Management
    − Auxiliary Supply Control
    − “Glitch Free” Transition Between Two Supplies
• Internally Fused Leads in SOIC−8 Package




Similar Part No. - CS5231-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
CS5231-3GDP5 CHERRY-CS5231-3GDP5 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
CS5231-3GDPR5 CHERRY-CS5231-3GDPR5 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
More results


Similar Description - CS5231-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
ON Semiconductor
CS5233-3 ONSEMI-CS5233-3 Datasheet
88Kb / 12P
500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 6
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
500 mA Linear Regulator
June, 2006 ??Rev. 3
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
Texas Instruments
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com