Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK02P15S Datasheet (PDF) - First Silicon Co., Ltd

FTK02P15S Datasheet PDF - First Silicon Co., Ltd
Part # FTK02P15S
Download  FTK02P15S Download
File Size   689.42 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description -150V P-Channel MOSFETs

FTK02P15S Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK02P15S Datasheet PDF - First Silicon Co., Ltd

Part # FTK02P15S
Download  FTK02P15S Click to download

File Size   689.42 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description -150V P-Channel MOSFETs

FTK02P15S Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK02P15S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK001N60S FS-FTK001N60S Datasheet
989Kb / 5P
600V N-Channel MOS FETs
FTK0102 FS-FTK0102 Datasheet
566Kb / 6P
N-Channel Enhancement Mode Power MOSFET
FTK0103M FS-FTK0103M Datasheet
526Kb / 6P
N-Channel Enhancement Mode Power MOSFET
FTK03N10 FS-FTK03N10 Datasheet
364Kb / 4P
N-Channel MOSFET
FTK03N20T FS-FTK03N20T Datasheet
917Kb / 5P
200V N-Channel MOSFETs
More results


Similar Description - FTK02P15S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
150V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBB02P15 FETEK-FKBB02P15 Datasheet
555Kb / 5P
P-Ch 150V Fast Switching MOSFETs
Ver : B
FKS01P15 FETEK-FKS01P15 Datasheet
488Kb / 4P
P-Ch 150V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com