Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20KDA40 Datasheet (PDF) - Nihon Inter Electronics Corporation

20KDA40 Datasheet PDF - Nihon Inter Electronics Corporation
Part # 20KDA40
Download  20KDA40 Download
File Size   41.76 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE - 2A 400V TJ = 150C

20KDA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
20KDA40 Datasheet PDF - Nihon Inter Electronics Corporation

Part # 20KDA40
Download  20KDA40 Click to download

File Size   41.76 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE - 2A 400V TJ = 150C

20KDA40 Datasheet (HTML) - Nihon Inter Electronics Corporation


20KDA40 Product details

2A 400V Tj =150 °C 

FEATURES
* Miniature Size
* Low Forward Voltage drop
* Low Reverse Leakage Current
* High Surge Capability
* 52mm Inside Tape Spacing Package Available 




Similar Part No. - 20KDA40

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
20KDA40 NI-20KDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA40_2015 NI-20KDA40_2015 Datasheet
145Kb / 1P
Standard Recovery Diode
More results


Similar Description - 20KDA40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10DDA60 NIEC-10DDA60 Datasheet
93Kb / 5P
DIODE - 1A 600V TJ = 150C
10EDA10 NIEC-10EDA10 Datasheet
34Kb / 5P
DIODE - 1A 100V TJ = 150C
10EDB20 NIEC-10EDB20 Datasheet
36Kb / 5P
DIODE - 1A 200V TJ = 150C
10EDB40 NIEC-10EDB40 Datasheet
36Kb / 5P
DIODE - 1A 400V TJ = 150C
10EDB60 NIEC-10EDB60 Datasheet
36Kb / 5P
DIODE - 1A 600V TJ =150C
10JDA40 NIEC-10JDA40 Datasheet
40Kb / 5P
DIODE - 1A 400V TJ = 150C
20KDA60 NIEC-20KDA60 Datasheet
41Kb / 5P
DIODE - 2A 600V TJ = 150C
30PDA20 NIEC-30PDA20 Datasheet
42Kb / 5P
DIODE - 3A 200V TJ = 150C
30PDA40 NIEC-30PDA40 Datasheet
44Kb / 5P
DIODE - 3A 400V TJ = 150C
30PDA60 NIEC-30PDA60 Datasheet
42Kb / 5P
DIODE - 3A 600V TJ = 150C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com