| Manufacturer | Part # | Datasheet | Description |
 Renesas Technology Corp |
RA4M1
|
1Mb / 130P |
High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
|
|
RA6M3
|
1Mb / 116P |
Leading performance 120-MHz Arm Cortex-M4 core, up to 2-MB code flash memory
|
|
RA2E1
|
2Mb / 114P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Feb 9, 2022 |
|
RA2E2
|
1Mb / 98P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
Mar 31, 2022 |
|
RA2L1
|
1Mb / 111P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features.
May 20, 2022 |
|
RA4E1
|
1Mb / 81P |
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation,8 KB
Feb 4, 2022 |
|
RA4M2
|
1Mb / 92P |
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021 |
|
RA6E1
|
1Mb / 93P |
High-performance 200 MHz Arm Cortex-M33 core up to 1 MB code flash memory with Dual-bank, background and SWAP operation, KB Data flash memory, and 256 KB SRAM with Parity.
Feb 4, 2022 |
|
R01DS0386EJ0130
|
2Mb / 117P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Rev.1.30 Nov 30, 2022 |
|
S5D5
|
1Mb / 100P |
Leading performance 120 MHz Arm® Cortex®-M4 core, up to 1-MB code flash memory, 384-KB SRAM
Rev.1.30 Aug 2019 |