Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70HDT Datasheet (PDF) - 3M Electronics

70HDT Datasheet PDF - 3M Electronics
Part # 70HDT
Download  70HDT Download
File Size   198.28 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Self-Fusing Silicone Rubber Electrical Tape 70 HDT with Tapered Edge

70HDT Datasheet (PDF)

Go To PDF Page Download Datasheet
70HDT Datasheet PDF - 3M Electronics

Part # 70HDT
Download  70HDT Click to download

File Size   198.28 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Self-Fusing Silicone Rubber Electrical Tape 70 HDT with Tapered Edge

70HDT Datasheet (HTML) - 3M Electronics


70HDT Product details

Features
■ Excellent arc resistance
■ Excellent ozone resistance
■ High dielectric strength
■ Class “H” material
■ (180°C continuous operation)
■ Workable at extremely low temperatures
■ Excellent conformability
■ Excellent instantaneous fusion; does not
■ need to be held down
■ Matches Sky Blue Gray Munsell
■ 5BG7.0/0.4
■ Excellent weathering characteristics
■ AA-59163 Class-I Type-II
■ 2.0 Applications
■ As an overwrap for protection of terminating high-voltage cables against arcing and tracking. High-voltage cables with these insulations should be overwrapped:
■ Butyl rubber
■ Oil-base rubber
■ Ethylene propylene rubber
■ PVC
■ Low and high-density polyethylene
■ cross-linked
■ As primary insulation where Class "H" (180˚C/356˚F) temperatures are encountered i.e., silicone rubber cables.
■ As splice overwrap on spacer cable operating at 15 kV and above. 3.0 Data Scotch 70 Tape has a peak thickness of 20 mils, an edge thickness of 8 mils, and a blue center guideline. It is available in roll size 1 in. wide x 30 ft. long. The core is 1 in. I.D. 4.0 Specifications Product The insulating tape must be composed of self-fusing, inorganic silicone rubber with an easy-tearing and easy-stripping polyester liner. The product must be Sky Blue Gray and conform to Munsell Color No.5BG7.0/0.4. The tape must be capable of operating continuously at Class H temperatures (180°C/356°F). The tape must be compatible with all synthetic cable insulations as well as cable splicing compounds. Engineering/Architectural Specifications All tape or tape-like terminations which will be operated either outdoors or in areas subjected to contamination or moisture shall be overwrapped with at least one layer of Scotch Silicone Rubber Electrical Tape 70 HDT.




Similar Part No. - 70HDT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70H00000Z LITTELFUSE-70H00000Z Datasheet
100Kb / 1P
Alarm Indicating Fuse
logo
New Jersey Semi-Conduct...
70HA100 NJSEMI-70HA100 Datasheet
299Kb / 1P
20 STERN AVE SPRINGFIELD
70HA120 NJSEMI-70HA120 Datasheet
299Kb / 1P
20 STERN AVE SPRINGFIELD
70HA140 NJSEMI-70HA140 Datasheet
299Kb / 1P
20 STERN AVE SPRINGFIELD
70HA160 NJSEMI-70HA160 Datasheet
299Kb / 1P
20 STERN AVE SPRINGFIELD
More results


Similar Description - 70HDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR3003 ETC2-LR3003 Datasheet
108Kb / 2P
Liquid Silicone Rubber
logo
Grayhill, Inc
84LS-ACAC2-113-N GRAYHILL-84LS-ACAC2-113-N Datasheet
757Kb / 3P
Waterproof Silicone Rubber Easily Customized Legends
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
P-MUSB-C111-XX AMPHENOL-P-MUSB-C111-XX Datasheet
213Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C411-XX AMPHENOL-P-MUSB-C411-XX Datasheet
119Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-D511-XX AMPHENOL-P-MUSB-D511-XX Datasheet
81Kb / 2P
GASKET - SILICONE RUBBER
logo
3M Electronics
2242 3M-2242 Datasheet
25Kb / 2P
Linerless Electrical Rubber Tape
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com