Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5651CDDFC Datasheet (PDF) - Renesas Technology Corp

R5F5651CDDFC Datasheet PDF - Renesas Technology Corp
Part # R5F5651CDDFC
Download  R5F5651CDDFC Download
File Size   2832.82 Kbytes
Page   246 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz

R5F5651CDDFC Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F5651CDDFC Datasheet PDF - Renesas Technology Corp

Part # R5F5651CDDFC
Download  R5F5651CDDFC Click to download

File Size   2832.82 Kbytes
Page   246 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz

R5F5651CDDFC Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - R5F5651CDDFC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5651CDDFC RENESAS-R5F5651CDDFC Datasheet
2Mb / 188P
Renesas MCUs
Rev.2.40 Oct 31, 2023
More results


Similar Description - R5F5651CDDFC

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3178-120 KR-3178-120 Datasheet
101Kb / 3P
120 MHz Bandpass Filter
3185 KR-3185 Datasheet
58Kb / 3P
120 MHz Bandpass Filter
logo
NXP Semiconductors
NA-1429 PHILIPS-NA-1429 Datasheet
557Kb / 8P
BLS6G3135-120 at 3100-3500 MHz
Rev. 2-28 April 2015
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
logo
Maxim Integrated Produc...
MAX30105 MAXIM-MAX30105 Datasheet
1Mb / 35P
Capable of Operating at High Ambient Levels
Rev 1; 7/16
logo
Renesas Technology Corp
RA6M1 RENESAS-RA6M1 Datasheet
1Mb / 92P
Armv7E-M architecture with DSP instruction set Maximum operating frequency: 120 MHz
RX72T RENESAS-RX72T Datasheet
1Mb / 176P
Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com