Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMO-6022SN-42UQ Datasheet (PDF) - Mallory Sonalert Products Inc

PMO-6022SN-42UQ Datasheet PDF - Mallory Sonalert Products Inc
Part # PMO-6022SN-42UQ
Download  PMO-6022SN-42UQ Download
File Size   88.87 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Frequency 20 - 16000 Hz

PMO-6022SN-42UQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PMO-6022SN-42UQ Datasheet PDF - Mallory Sonalert Products Inc

Part # PMO-6022SN-42UQ
Download  PMO-6022SN-42UQ Click to download

File Size   88.87 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Frequency 20 - 16000 Hz

PMO-6022SN-42UQ Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - PMO-6022SN-42UQ

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PMO-6022SN-42UQ MALLORY-PMO-6022SN-42UQ Datasheet
88Kb / 1P
Sensitivity Range -42 짹 3 dB RL = 2.2 k?뾙cc = 2.0v (1 kHz 0 dB = 1 v/Pa)
More results


Similar Description - PMO-6022SN-42UQ

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
550 Hz resonant frequency
CMS-35208N CUI-CMS-35208N Datasheet
1Mb / 4P
720 Hz resonant frequency
CMS-40208N CUI-CMS-40208N Datasheet
389Kb / 4P
650 Hz resonant frequency
CMS-40558N-L152 CUI-CMS-40558N-L152 Datasheet
551Kb / 4P
500 Hz resonant frequency
CSS-50508N CUI-CSS-50508N Datasheet
1Mb / 4P
380 Hz resonant frequency
CSS-66668N CUI-CSS-66668N Datasheet
420Kb / 4P
200 Hz resonant frequency
logo
Mallory Sonalert Produc...
PMO-4015SN-42UQ MSPI-PMO-4015SN-42UQ Datasheet
102Kb / 1P
Frequency 50 - 12000 Hz
PMOF-6050PA-36KDQ MSPI-PMOF-6050PA-36KDQ Datasheet
121Kb / 1P
Frequency 100 - 10000 Hz
PMOF-9745W-42DQ MSPI-PMOF-9745W-42DQ Datasheet
173Kb / 1P
Frequency 20 - 16000 Hz
SNP2R MSPI-SNP2R Datasheet
49Kb / 1P
Frequency 2900 Hz 짹500 Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com