Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1587 Datasheet (PDF) - 3M Electronics

1587 Datasheet PDF - 3M Electronics
Part # 1587
Download  1587 Download
File Size   47.9 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Preliminary Technical Information Sheet

1587 Datasheet (PDF)

Go To PDF Page Download Datasheet
1587 Datasheet PDF - 3M Electronics

Part # 1587
Download  1587 Click to download

File Size   47.9 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Preliminary Technical Information Sheet

1587 Datasheet (HTML) - 3M Electronics


1587 Product details

Features
■ Two Adhesive Systems
■ No Natural Rubber Latex
■ Gentle acrylic adhesive for skin adhesion
■ Medical and Retail Device Applications
■ Synthetic rubber adhesive for low surface
■ EtO and Gamma compatible energy (LSE) plastics Prototype Composition: Tape caliper, no liner 3 mils (0.08 mm) Synthetic rubber/Acrylic ‘2-in-One’ DC Tape Carrier 0.5 mils (0.01 mm) Transparent Polyester Film Adhesives, Open (Face) Side Paper (Back) Side Synthetic Rubber-based, designed for medical use Gentle Acrylic, developed for medical and surgical use Release Liner 62 lb. Bleached Kraft paper, silicone release (3.5 mil/0.09 mm) Prototype Properties1: Adhesion to Stainless Steel, SR Side Acr Side 129 oz/inch width (3.7 kg/25.4 mm width) 20 oz/inch width (0.6 kg/25.4 mm width) Liner Release, Preliminary (Acr side) 8 gm/inch width (8 gm/25 mm) 1 Properties listed based on very limited data and subject to change. Prototype Roll Description: Tape supplied on 3-inch (76 mm) diameter cores. Length 700 yards (640 m) ± 2% Maximum Width 48 inch (122 cm) ± 1/32 in (1.0 mm) Prototype Storage Conditions: Product as supplied in original packaging will maintain stated test properties for a period to be determined when stored at a temperature between 50-80oF (10-27oC) and a relative humidity between 40-60 percent. Please see reverse side for important product, safety and warranty information.




Similar Part No. - 1587

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
1587 FLUKE-1587 Datasheet
1Mb / 6P
Large display with backlight Insulation test (1587: 0.01 MW to 2 GW)
logo
List of Unclassifed Man...
1587-1 ETC2-1587-1 Datasheet
439Kb / 1P
TURRET TERMINALS
1587-2 ETC2-1587-2 Datasheet
439Kb / 1P
TURRET TERMINALS
logo
PHOENIX CONTACT
1587014 PHOENIX-1587014 Datasheet
58Kb / 4P
Housing - HC-B 10-TFL-72/M1M25G
1587067 PHOENIX-1587067 Datasheet
208Kb / 4P
POS POLEFIX S 108 VA - Holder
More results


Similar Description - 1587

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
Preliminary Technical Information
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com