Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-2736FPQ Datasheet (PDF) - Mallory Sonalert Products Inc

PT-2736FPQ Datasheet PDF - Mallory Sonalert Products Inc
Part # PT-2736FPQ
Download  PT-2736FPQ Download
File Size   88.01 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Sound Pressure Level (dB/min) 90 at 30cm at Rated voltage

PT-2736FPQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PT-2736FPQ Datasheet PDF - Mallory Sonalert Products Inc

Part # PT-2736FPQ
Download  PT-2736FPQ Click to download

File Size   88.01 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Sound Pressure Level (dB/min) 90 at 30cm at Rated voltage

PT-2736FPQ Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - PT-2736FPQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2736FWQ MSPI-PT-2736FWQ Datasheet
91Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
More results


Similar Description - PT-2736FPQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2036FPLQ MSPI-PT-2036FPLQ Datasheet
90Kb / 1P
Sound Pressure Level Min. (dB) 86 at 30cm at Rated Voltage
PT-2045FWQ MSPI-PT-2045FWQ Datasheet
90Kb / 1P
Sound Pressure Level Min. (dB) 85 at 30cm at Rated Voltage
PT-2060FWQ MSPI-PT-2060FWQ Datasheet
87Kb / 1P
Sound Pressure Level Min. (dB) 85 at 30cm at Rated Voltage
PT-2726FPQ MSPI-PT-2726FPQ Datasheet
94Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PT-2726FWQ MSPI-PT-2726FWQ Datasheet
91Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PT-2736FWQ MSPI-PT-2736FWQ Datasheet
91Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PT-2742FPQ MSPI-PT-2742FPQ Datasheet
85Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PT-2745FWQ MSPI-PT-2745FWQ Datasheet
169Kb / 1P
Sound Pressure Level (dB/min) 85 at 30cm at Rated voltage
PT-3529FPQ MSPI-PT-3529FPQ Datasheet
86Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PT-3529FWQ MSPI-PT-3529FWQ Datasheet
91Kb / 1P
Sound Pressure Level (dB/min) 90 at 30cm at Rated voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com