Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P49V60 Datasheet (PDF) - Renesas Technology Corp

5P49V60 Datasheet PDF - Renesas Technology Corp
Part # 5P49V60
Download  5P49V60 Download
File Size   1044.54 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Flexible 1.8V, 2.5V, 3.3V power-rails

5P49V60 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49V60 Datasheet PDF - Renesas Technology Corp

Part # 5P49V60
Download  5P49V60 Click to download

File Size   1044.54 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Flexible 1.8V, 2.5V, 3.3V power-rails

5P49V60 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - 5P49V60

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V60 IDT-5P49V60 Datasheet
452Kb / 28P
VersaClock 6E Programmable Clock Generator
logo
Renesas Technology Corp
5P49V60B RENESAS-5P49V60B Datasheet
867Kb / 31P
VersaClock® 6E Programmable Clock Generator
Feb 24, 2026
5P49V60BDDDNLG2 RENESAS-5P49V60BDDDNLG2 Datasheet
867Kb / 31P
VersaClock® 6E Programmable Clock Generator
Feb 24, 2026
5P49V60BDDDNLG28 RENESAS-5P49V60BDDDNLG28 Datasheet
867Kb / 31P
VersaClock® 6E Programmable Clock Generator
Feb 24, 2026
More results


Similar Description - 5P49V60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16244 ONSEMI-74VCX16244 Datasheet
85Kb / 10P
Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
November, 2004 ??Rev. 4
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
ON Semiconductor
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com