Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC374 Datasheet (PDF) - Integral Corp.

IN74AC374 Datasheet PDF - Integral Corp.
Part # IN74AC374
Download  IN74AC374 Download
File Size   205.73 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS

IN74AC374 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC374 Datasheet PDF - Integral Corp.

Part # IN74AC374
Download  IN74AC374 Click to download

File Size   205.73 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS

IN74AC374 Datasheet (HTML) - Integral Corp.


IN74AC374 Product details

The IN74AC374 is identical in pinout to the LS/ALS374, HC/HCT374. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.
Data meeting the setup and hold time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, the outputs are forced to the high-impedance state; thus, data may be stored even when the outputs are not enabled.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA





Similar Part No. - IN74AC374

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC374 IKSEMICON-IN74AC374 Datasheet
252Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC374DW IKSEMICON-IN74AC374DW Datasheet
252Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC374N IKSEMICON-IN74AC374N Datasheet
252Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC374

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT374 INTEGRAL-IN74ACT374 Datasheet
226Kb / 5P
OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC374 KODENSHI-KK74AC374 Datasheet
348Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT374 KODENSHI-KK74ACT374 Datasheet
344Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC374 IKSEMICON-IN74AC374 Datasheet
252Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74ACT374 IKSEMICON-IN74ACT374 Datasheet
331Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com