Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6111 Datasheet (PDF) - 3M Electronics

6111 Datasheet PDF - 3M Electronics
Part # 6111
Download  6111 Download
File Size   454.08 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Sprayable Hot Melt Adhesive

6111 Datasheet (PDF)

Go To PDF Page Download Datasheet
6111 Datasheet PDF - 3M Electronics

Part # 6111
Download  6111 Click to download

File Size   454.08 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Sprayable Hot Melt Adhesive

6111 Datasheet (HTML) - 3M Electronics


6111 Product details

Description
Standard Product Higher Heat Resistance Base Polyolefin copolymer thermoplastic Polyolefin copolymer thermoplastic Color Tan Tan/Blue Specific Gravity 0.92 0.93 Flashpoint (°F) 498 529 Viscosity @ 375°F (190°C) cps(1) 3000-5000 2500-4500 Application Temperature 350-385°F (177-196°C) 350-385°F (177-196°C) Open Time1 Surface Foam to PVC(2) 1 minute 3 minutes Open Time 2 Surface Foam to Foam(3) 6 minutes 8 minutes 1. Brookfield Thermocel Viscometer in Centipoise using a #27 Spindle @ 20 RPM 2. Bonds were made by spraying adhesives onto 3/4 in. thick, 2-lb. density polyester urethane foam. PVC coupons wiped with isopropyl alcohol and then bonded to foam using 5 sec of firm pressure. After standing for 24 hrs, bonds were pulled apart by hand. The criterion for open time is 100% foam tear. 3. Two pieces of 3/4 in. thick, 2-lb. density polyester urethane foam were sprayed and bonded using 5 sec of firm pressure. After 24 hrs, bonds were pulled apart by hand. The criterion for open time is 100% foam tear.

Features
■ Sprayable thermoplastic adhesive.
■ Solvent-free, 100% solids.
■ One or two surface application.
■ Long bonding range.
■ Immediate initial strength
■ Excellent adhesion to polypropylene
■ Bonds wide variety of substrates, including most foams, plastics, particle board, light gauge metals.
■ Controlled application with minimal overspray.




Similar Part No. - 6111

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6111 FILTRAN-6111 Datasheet
107Kb / 1P
ISDN U-Bus Input / Output Transformer
logo
Connor-Winfield Corpora...
6111 CONNOR-WINFIELD-6111 Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
6111-20.00M CONNOR-WINFIELD-6111-20.00M Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
logo
Micropac Industries
61111 MICROPAC-61111 Datasheet
90Kb / 2P
Hermetically sealed
61113 MICROPAC-61113 Datasheet
81Kb / 2P
GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
More results


Similar Description - 6111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDC009 ETC2-MDC009 Datasheet
238Kb / 4P
HOT MELT APPLICATOR OPERATING INSTRUCTIONS
logo
3M Electronics
3748VO 3M-3748VO Datasheet
142Kb / 6P
3M™ Self-Extinguishing Hot Melt Adhesive 3748 VO
Feb-2015
3792 3M-3792 Datasheet
345Kb / 4P
Hot Melt Adhesive
Jul-2016
3776LM 3M-3776LM Datasheet
345Kb / 4P
Hot Melt Adhesive
Jul-2016
3748 3M-3748 Datasheet
334Kb / 3P
Hot Melt Adhesive
Jul-2016
3750 3M-3750 Datasheet
336Kb / 3P
3M Hot Melt Adhesive
Jul-2016
3798LM 3M-3798LM Datasheet
124Kb / 6P
3M??Hot Melt Adhesive 3798LM
3797 3M-3797 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
3789 3M-3789 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
3762 3M-3762 Datasheet
335Kb / 3P
3M Hot Melt Adhesive
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com