Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9974W Datasheet (PDF) - 3M Electronics

9974W Datasheet PDF - 3M Electronics
Part # 9974W
Download  9974W Download
File Size   29.4 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Repulpable Double-Coated General Purpose Splicing Tape

9974W Datasheet (PDF)

Go To PDF Page Download Datasheet
9974W Datasheet PDF - 3M Electronics

Part # 9974W
Download  9974W Click to download

File Size   29.4 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Repulpable Double-Coated General Purpose Splicing Tape

9974W Datasheet (HTML) - 3M Electronics


9974W Product details

Features
■ Repulpability judged according to TAPPI UM-213, Procedure A. It is important to follow the weight and quantity measurements for the fiber, splicing tape and water. Non-representative results can occur if test guidelines are not followed. Typical Physical Properties and Performance Characteristics




Similar Part No. - 9974W

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9974 FESTO-9974 Datasheet
96Kb / 2P
Air solenoid valve
logo
VBsemi Electronics Co.,...
9974GJ-HF VBSEMI-9974GJ-HF Datasheet
1Mb / 7P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - 9974W

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
9969B 3M-9969B Datasheet
201Kb / 2P
Repulpable Single-Coated Printable Splicing Tape
Mar-2014
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
9038B 3M-9038B Datasheet
206Kb / 2P
Repulpable Double-Coated Web Splicing Tape
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
9960 3M-9960 Datasheet
44Kb / 2P
Repulpable Single-Coated Splicing Tape
Nov-2007
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com