Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3254A-24U1 Datasheet (PDF) - STMicroelectronics

UPSD3254A-24U1 Datasheet PDF - STMicroelectronics
Part # UPSD3254A-24U1
Download  UPSD3254A-24U1 Download
File Size   79.04 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash Programmable System Device with 8032 Microcontroller Core

UPSD3254A-24U1 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPSD3254A-24U1 Datasheet PDF - STMicroelectronics

Part # UPSD3254A-24U1
Download  UPSD3254A-24U1 Click to download

File Size   79.04 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash Programmable System Device with 8032 Microcontroller Core

UPSD3254A-24U1 Datasheet (HTML) - STMicroelectronics


UPSD3254A-24U1 Product details

FEATURES SUMMARY
■ The µPSD3200 Family combines a Flash PSD
   architecture with an 8032 microcontroller core
   The µPSD3200 Family of Flash PSDs features
   dual banks of Flash memory, SRAM, general
   purpose I/O and programmable logic, supervisory
   functions and access via USB, I2C, ADC,
   DDC and PWM channels, and an on-board
   8032 microcontroller core, with two UARTs,
   three 16-bit Timer/Counters and one External
   Interrupt. As with other Flash PSD families, the
   µPSD3200 Family is also in-system programmable (ISP) via a JTAG ISP interface.
■ Large 8 KByte SRAM with battery back-up
   option
■ Dual bank Flash memories
   – 128 KByte or 256 KByte main Flash memory
   – 32 KByte secondary Flash memory
■ Content Security
   – Block access to Flash memory
■ Programmable Decode PLD for flexible address
   mapping of all memories.
■ High-speed clock standard 8032 core (12-cycle)
■ USB Interface (µPSD3234A-40U6 only)
■ I2C interface for peripheral connections
■ Five Pulse Width Modulator (PWM) channels
■ Standalone Display Data Channel (DDC)
■ Six I/O ports with up to 50 I/O pins
■ 3000 gate PLD with 16 macrocells
■ Supervisor functions
■ In-System Programming (ISP) via JTAG
■ Zero-Power Technology
■ Single Supply Voltage
   – 4.5 to 5.5 V
   – 3.0 to 3.6 V




Similar Part No. - UPSD3254A-24U1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3254A-24U1 STMICROELECTRONICS-UPSD3254A-24U1 Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
UPSD3254A-24U1T STMICROELECTRONICS-UPSD3254A-24U1T Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD3254A-24U1T STMICROELECTRONICS-UPSD3254A-24U1T Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
UPSD3254A-24U1T STMICROELECTRONICS-UPSD3254A-24U1T Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
More results


Similar Description - UPSD3254A-24U1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
Flash Programmable System Devices with 8032 Microcontroller Core
Nov-2004
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
27-Nov-2002
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
logo
ATMEL Corporation
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
Microcontroller with 32KBytes In-System Programmable Flash
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com