Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC628LR Datasheet (PDF) - Mallory Sonalert Products Inc

SC628LR Datasheet PDF - Mallory Sonalert Products Inc
Part # SC628LR
Download  SC628LR Download
File Size   82.29 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 6 to 28 VDC

SC628LR Datasheet (PDF)

Go To PDF Page Download Datasheet
SC628LR Datasheet PDF - Mallory Sonalert Products Inc

Part # SC628LR
Download  SC628LR Click to download

File Size   82.29 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 6 to 28 VDC

SC628LR Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - SC628LR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628 MSPI-SC628 Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628-BTR MSPI-SC628-BTR Datasheet
84Kb / 1P
Voltage Rating 6 to 28 VDC
logo
Semtech Corporation
SC628A SEMTECH-SC628A Datasheet
455Kb / 21P
LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
logo
Mallory Sonalert Produc...
SC628ADJR MSPI-SC628ADJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADPR MSPI-SC628ADPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
More results


Similar Description - SC628LR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628EJR MSPI-SC628EJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628FJWR MSPI-SC628FJWR Datasheet
59Kb / 1P
Voltage Rating 6 to 28 VDC
SC628FR MSPI-SC628FR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628JR MSPI-SC628JR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628JU-1R MSPI-SC628JU-1R Datasheet
59Kb / 1P
Voltage Rating 6 to 28 VDC
SC628KR MSPI-SC628KR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MN MSPI-SC628MN Datasheet
55Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MNP MSPI-SC628MNP Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MW MSPI-SC628MW Datasheet
94Kb / 1P
Voltage Rating 6 to 28 VDC
SC628NLR MSPI-SC628NLR Datasheet
82Kb / 1P
Voltage Rating 6 to 28 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com