Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9343 Datasheet (PDF) - 3M Electronics

9343 Datasheet PDF - 3M Electronics
Part # 9343
Download  9343 Download
File Size   137.15 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Conformable Sound Management Film 9343

9343 Datasheet (PDF)

Go To PDF Page Download Datasheet
9343 Datasheet PDF - 3M Electronics

Part # 9343
Download  9343 Click to download

File Size   137.15 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Conformable Sound Management Film 9343

9343 Datasheet (HTML) - 3M Electronics


9343 Product details

Features
■ Bonded to an automotive interior component prevents noise and wear by isolating adjacent parts.
■ Easily conforms to irregular and curved surfaces meeting a need for sound management that current materials cannot oɢer.
■ Bond strength is dependent upon the amount of adhesive-to-surface contact developed. Firm application pressure develops better adhesive contact and thus improves bond strength.
■ To obtain optimum adhesion, the bonding surfaces must be clean, dry and free of oil and dust. Typical cleaning solvents are isopropyl alcohol and water (rubbing alcohol) or heptane.*
■ Initial tape application to surfaces at temperatures below 50°F (10°C) is not recommended because the adhesive becomes too ɥrm to adhere readily. However, once properly applied, low temperature holding is generally satisfactory. *Note: Carefully read and follow the manufacturer’s precautions and directions for use when working with solvents.




Similar Part No. - 9343

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9343 KEYSTONE-9343 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Time Electronics Ltd.
9343 TIME-ELECTRONICS-9343 Datasheet
481Kb / 2P
Programmable Multi-Function Calibrator
V3 05/09/03
logo
Belden Inc.
934337106 BELDEN-934337106 Datasheet
794Kb / 2P
N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 60 V, 5 A, w/ M20x1.5 panel thread, monoblock design
03-13-2024
934386100 BELDEN-934386100 Datasheet
377Kb / 2P
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
logo
KISTLER INSTRUMENT CORP...
9343A KISTLER-9343A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
More results


Similar Description - 9343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-1500 ETC2-GP-1500 Datasheet
395Kb / 2P
Conformable, low hardness
logo
3M Electronics
7071UV 3M-7071UV Datasheet
338Kb / 2P
3M Industrial Protective Film
Jan-2017
5498 3M-5498 Datasheet
131Kb / 5P
3M™ PTFE Film Tape 5498
Nov-2015
605 3M-605 Datasheet
571Kb / 5P
3M??Scotch짰 Transparent Film Tape
SS100 3M-SS100 Datasheet
318Kb / 2P
ELASTOMERIC 3M??Smoke and Sound Sealant SS 100
AF131-2 3M-AF131-2 Datasheet
20Kb / 4P
3M Scotch-WeldTM Bonding Film
Jun-2002
3952 3M-3952 Datasheet
445Kb / 3P
3M™ Surface Protection Film 3952
Jun-2018
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com