Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTL35N65G2V Datasheet (PDF) - STMicroelectronics

SCTL35N65G2V Datasheet PDF - STMicroelectronics
Part # SCTL35N65G2V
Download  SCTL35N65G2V Download
File Size   323.95 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 40 A in a PowerFLAT 8x8 HV package

SCTL35N65G2V Datasheet (PDF)

Go To PDF Page Download Datasheet
SCTL35N65G2V Datasheet PDF - STMicroelectronics

Part # SCTL35N65G2V
Download  SCTL35N65G2V Click to download

File Size   323.95 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 40 A in a PowerFLAT 8x8 HV package

SCTL35N65G2V Datasheet (HTML) - STMicroelectronics


SCTL35N65G2V Product details

Description
This silicon carbide Power MOSFET device has been developed using ST’s advanced and innovative 2nd generation SiC MOSFET technology. The device features remarkably low on-resistance per unit area and very good switching performance. The variation of switching loss is almost independent of junction temperature. Product status link SCTL35N65G2V Product summary

Applications
■ Switching mode power supply
■ DC-DC converters
■ Industrial motor control




Similar Part No. - SCTL35N65G2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTL90N65G2V STMICROELECTRONICS-SCTL90N65G2V Datasheet
319Kb / 14P
Silicon carbide Power MOSFET 650 V, 18 mΩ typ., 40 A in a PowerFLAT 8x8 HV package
10-Dec-2020
More results


Similar Description - SCTL35N65G2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STL36N55M5 STMICROELECTRONICS-STL36N55M5 Datasheet
1Mb / 17P
N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
24-Jan-2013
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
08-Oct-2012
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
N-channel 650 V, 0.075 Ω typ., 22.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2
SCTL90N65G2V STMICROELECTRONICS-SCTL90N65G2V Datasheet
319Kb / 14P
Silicon carbide Power MOSFET 650 V, 18 mΩ typ., 40 A in a PowerFLAT 8x8 HV package
10-Dec-2020
STL26N65DM2 STMICROELECTRONICS-STL26N65DM2 Datasheet
385Kb / 15P
N-channel 650 V, 0.182 typ., 20 A, MDmesh™ DM2 Power MOSFET in a PowerFLAT™ 8x8 HV package
July 2018 Rev 1
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCT018H65G3AG STMICROELECTRONICS-SCT018H65G3AG Datasheet
390Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 20 mΩ typ., 55 A in an H²PAK-7 package
07-Oct-2022
SCTHS250N65G3 STMICROELECTRONICS-SCTHS250N65G3 Datasheet
301Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 6.7 mΩ typ., 207 A in a STPAK package
05-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com