Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6T30CAY Datasheet (PDF) - STMicroelectronics

SMA6T30CAY Datasheet PDF - STMicroelectronics
Part # SMA6T30CAY
Download  SMA6T30CAY Download
File Size   644.92 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 W TVS in SMA

SMA6T30CAY Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA6T30CAY Datasheet PDF - STMicroelectronics

Part # SMA6T30CAY
Download  SMA6T30CAY Click to download

File Size   644.92 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 W TVS in SMA

SMA6T30CAY Datasheet (HTML) - STMicroelectronics


SMA6T30CAY Product details

Description
The SMA6TY Transil series has been designed to protect sensitive automotive circuits against surges defined in ISO 7637-2 and against electrostatic discharges according to ISO 10605. The planar technology makes this device compatible with high-end circuits where low leakage current and high junction temperature are required to provide reliability and stability over time. SMA6TY are packaged in SMA. Product status link SMA6TY SMA6T6V7AY, SMA6T6V7CAY, SMA6T7V6AY, SMA6T7V6CAY, SMA6T10AY, SMA6T10CAY, SMA6T12AY, SMA6T12CAY, SMA6T14AY, SMA6T14CAY, SMA6T15AY, SMA6T15CAY, SMA6T18AY, SMA6T18CAY, SMA6T22AY, SMA6T22CAY, SMA6T24AY, SMA6T24CAY, SMA6T28AY, SMA6T28CAY, SMA6T30AY, SMA6T30CAY, SMA6T33AY, SMA6T33CAY, SMA6T36AY, SMA6T36CAY, SMA6T39AY, SMA6T39CAY, SMA6T47AY, SMA6T47CAY, SMA6T56AY, SMA6T56CAY, SMA6T68AY, SMA6T68CAY, SMA6T82AY, SMA6T82CAY Automotive 600 W TVS in SMA SMA6TY Datasheet DS6931 - Rev 8 - October 2020 For further information contact your local STMicroelectronics sales office.

Features
■ AEC-Q101 qualified
■ Peak pulse power: – 600 W (10/1000 μs) and 4 kW (8/20 μs)
■ Stand-off voltage range: from 5 V to 70 V
■ Unidirectional and bidirectional types
■ Low leakage current: – 0.2 μA at 25 °C and 1 μA at 85 °C
■ Operating Tj max: 150 °C
■ JEDEC registered package outline
■ Lead finishing: matte tin plating Complies with the following standards
■ UL94, V0
■ J-STD-020 MSL level 1
■ J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026
■ JESD-201 class 2 whisker test
■ IPC7531 footprint and JEDEC registered package outline
■ IEC 61000-4-4 level 4 – 4 k V
■ ISO 10605, IEC 61000-4-2, C = 150 pF, R = 330 Ω exceeds level 4: – 30 kV (air discharge) – 30 kV (contact discharge)
■ ISO 10605, C = 330 pF, R = 330 Ω exceeds level 4: – 30 kV (air discharge) – 30 kV (contact discharge)
■ ISO 7637-2 (not applicable to parts with VRM lower than battery voltage) – Pulse 1: VS = -150 V – Pulse 2a: VS = +112 V – Pulse 3a: VS = -220 V – Pulse3b: VS = +150 V




Similar Part No. - SMA6T30CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T30AY STMICROELECTRONICS-SMA6T30AY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6T30AYCAY STMICROELECTRONICS-SMA6T30AYCAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
More results


Similar Description - SMA6T30CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6TY STMICROELECTRONICS-SMA6TY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com