Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9038W Datasheet (PDF) - 3M Electronics

9038W Datasheet PDF - 3M Electronics
Part # 9038W
Download  9038W Download
File Size   206.95 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Repulpable Double-Coated Web Splicing Tape

9038W Datasheet (PDF)

Go To PDF Page Download Datasheet
9038W Datasheet PDF - 3M Electronics

Part # 9038W
Download  9038W Click to download

File Size   206.95 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Repulpable Double-Coated Web Splicing Tape

9038W Datasheet (HTML) - 3M Electronics




Similar Part No. - 9038W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9038 ETC2-9038 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9038 HEYCO-9038 Datasheet
152Kb / 2P
Snap Rivets
9038-P HEYCO-9038-P Datasheet
152Kb / 2P
Snap Rivets
logo
Littelfuse
90380 LITTELFUSE-90380 Datasheet
161Kb / 2P
General Purpose Switching Relay
2022 Rev: 052422
logo
Tyco Electronics
90384-1 MACOM-90384-1 Datasheet
131Kb / 4P
Hand Crimping Tool
More results


Similar Description - 9038W

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
9969B 3M-9969B Datasheet
201Kb / 2P
Repulpable Single-Coated Printable Splicing Tape
Mar-2014
9974B 3M-9974B Datasheet
29Kb / 2P
Repulpable Double-Coated General Purpose Splicing Tape
01-Aug-1999
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
9977 3M-9977 Datasheet
141Kb / 6P
3M??Repulpable Double-Coated High Strength Flying Splice Tape
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
9960 3M-9960 Datasheet
44Kb / 2P
Repulpable Single-Coated Splicing Tape
Nov-2007
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com