Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091CC Datasheet (PDF) - STMicroelectronics

STM32F091CC Datasheet PDF - STMicroelectronics
Part # STM32F091CC
Download  STM32F091CC Download
File Size   1918.3 Kbytes
Page   128 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V

STM32F091CC Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F091CC Datasheet PDF - STMicroelectronics

Part # STM32F091CC
Download  STM32F091CC Click to download

File Size   1918.3 Kbytes
Page   128 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V

STM32F091CC Datasheet (HTML) - STMicroelectronics


STM32F091CC Product details

Features
■ Core: ARM® 32-bit Cortex®-M0 CPU, frequency up to 48 MHz
■ Memories – 128 to 256 Kbytes of Flash memory – 32 Kbytes of SRAM with HW parity
■ CRC calculation unit
■ Reset and power management – Digital & I/Os supply: VDD = 2.0 V to 3.6 V – Analog supply: VDDA = VDD to 3.6 V – Power-on/Power down reset (POR/PDR) – Programmable voltage detector (PVD) – Low power modes: Sleep, Stop, Standby – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC with x6 PLL option – Internal 40 kHz RC oscillator – Internal 48 MHz oscillator with automatic trimming based on ext. synchronization
■ Up to 88 fast I/Os – All mappable on external interrupt vectors – Up to 69 I/Os with 5V-tolerant capability and 19 with independent supply VDDIO2
■ 12-channel DMA controller
■ One 12-bit, 1.0 µs ADC (up to 16 channels) – Conversion range: 0 to 3.6 V – Separate analog supply: 2.4 V to 3.6 V
■ One 12-bit D/A converter (with 2 channels)
■ Two fast low-power analog comparators with programmable input and output
■ Up to 24 capacitive sensing channels for touchkey, linear and rotary touch sensors
■ Calendar RTC with alarm and periodic wakeup from Stop/Standby
■ 12 timers – One 16-bit advanced-control timer for 6 channel PWM output – One 32-bit and seven 16-bit timers, with up to 4 IC/OC, OCN, usable for IR control decoding or DAC control – Independent and system watchdog timers – SysTick timer
■ Communication interfaces – Two I2C interfaces supporting Fast Mode Plus (1 Mbit/s) with 20 mA current sink, one supporting SMBus/PMBus and wakeup – Up to eight USARTs supporting master synchronous SPI and modem control, three with ISO7816 interface, LIN, IrDA, auto baud rate detection and wakeup feature – Two SPIs (18 Mbit/s) with 4 to 16 programmable bit frames, and with I2S interface multiplexed – CAN interface
■ HDMI CEC wakeup on header reception
■ Serial wire debug (SWD)
■ 96-bit unique ID
■ All packages ECOPACK®2




Similar Part No. - STM32F091CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F091CC STMICROELECTRONICS-STM32F091CC Datasheet
1Mb / 127P
ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
17-Dec-2015
More results


Similar Description - STM32F091CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100VCT6 STMICROELECTRONICS-STM32F100VCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F031X4 STMICROELECTRONICS-STM32F031X4 Datasheet
1Mb / 106P
ARM-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
16-Dec-2015
STM32F058C8 STMICROELECTRONICS-STM32F058C8 Datasheet
1Mb / 104P
Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
16-Dec-2015
STM32F071X8 STMICROELECTRONICS-STM32F071X8 Datasheet
1Mb / 122P
ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
15-Sep-2016
STM32F091XB STMICROELECTRONICS-STM32F091XB Datasheet
1Mb / 127P
ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
17-Dec-2015
STM32F072X8 STMICROELECTRONICS-STM32F072X8_V01 Datasheet
2Mb / 128P
Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
September 2019
STM32F071X8 STMICROELECTRONICS-STM32F071X8_V01 Datasheet
2Mb / 122P
sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
27-Mar-2020
STM32G051X6 STMICROELECTRONICS-STM32G051X6 Datasheet
1Mb / 126P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 18 KB RAM,2x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
25-Nov-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com