Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3650 Datasheet (PDF) - 3M Electronics

3650 Datasheet PDF - 3M Electronics
Part # 3650
Download  3650 Download
File Size   14.53 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Thermosetable Glass Cloth Tapes

3650 Datasheet (PDF)

Go To PDF Page Download Datasheet
3650 Datasheet PDF - 3M Electronics

Part # 3650
Download  3650 Click to download

File Size   14.53 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Thermosetable Glass Cloth Tapes

3650 Datasheet (HTML) - 3M Electronics


3650 Product details

Features
■ This adhesive provides good initial adhesion and tack. When subjected to a thermosetting cycle it will crosslink, providing greater adhesion and bonding, higher solvent resistance and higher heat resistance.
■ Thermosetting is frequently achieved by ironing or heating the backing once the tape is applied. High adhesion is obtained by optimizing the time, temperature and pressure of the heat applied.
■ Glass cloth backing for high tensile strength that helps increase productivity.
■ Backing will not shrink or rot for excellent application protection.
■ Firm at high temperature that helps increase productivity.
■ Good solvent resistance to produce excellent bond.
■ Application Ideas
■ Splicing or insulation applications requiring high tensile strength at elevated temperatures.
■ As a corrosion resistant wrap on stainless steel hot air ducts.
■ Splicing materials with rough surfaces or poor internal strength such as roofing felt, fiberglass or textiles. Technical Data May, 2003 Product Construction Backing Adhesive Color Standard Widths Standard Roll Length Glass Thermosetable White 3M tape 365: 1/2, 3/4, 1, 2, 3, 4, 5 in. 60 yds. (55 m) cloth rubber-resin (13, 19, 25, 50, 75, 100, 125 mm) 3M tape 3650: 4, 5 in. (100, 125 mm) Typical Physical Properties ASTM Test Method Adhesion to Steel: 52 oz./in. width (57 N/100 mm) D-3330 Tensile Strength: 139 lbs./in. width (2430 N/100 mm) D-3759 Elongation: 7% D-3759 Backing Thickness: 4.8 mils (0.12 mm) D-3652 Total Tape Thickness: 8.3 mils (0.20 mm) D-3652




Similar Part No. - 3650

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
RHOPOINT COMPONENTS
3650 RHOPOINT-3650 Datasheet
51Kb / 2P
Low Thermal EMF Reed Relays
logo
ebm-papst
3650 EBMPAPST-3650 Datasheet
423Kb / 1P
TUBEAXIAL
3650 EBMPAPST-3650 Datasheet
290Kb / 4P
AC axial compact fan
logo
Texas Instruments
3650 TI-3650 Datasheet
149Kb / 14P
Optically-Coupled Linear ISOLATION AMPLIFIERS
More results


Similar Description - 3650

ManufacturerPart #DatasheetDescription
logo
Kingboard Laminates Hol...
KB-5150 KINGBOARD-KB-5150 Datasheet
292Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
KB-5150H KINGBOARD-KB-5150H Datasheet
182Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
KB-5152 KINGBOARD-KB-5152 Datasheet
223Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
Jun-2011
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com