Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9446-80PCB Datasheet (PDF) - Analog Devices

AD9446-80PCB Datasheet PDF - Analog Devices
Part # AD9446-80PCB
Download  AD9446-80PCB Download
File Size   952.42 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 80/100 MSPS ADC

AD9446-80PCB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9446-80PCB Datasheet PDF - Analog Devices

Part # AD9446-80PCB
Download  AD9446-80PCB Click to download

File Size   952.42 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 80/100 MSPS ADC

AD9446-80PCB Datasheet (HTML) - Analog Devices


AD9446-80PCB Product details

GENERAL DESCRIPTION
The AD9446 is a 16-bit, monolithic, sampling analog-to-digital converter (ADC) with an on-chip track-and-hold circuit. It is optimized for performance, small size, and ease of use. The product operates up to a 100 MSPS, providing superior SNR for instrumentation, medical imaging, and radar receivers employing baseband (<100 MHz) IF frequencies.

FEATURES
   100 MSPS guaranteed sampling rate (AD9446-100)
   83.6 dBFS SNR with 30 MHz input (3.8 V p-p input, 80 MSPS)
   82.6 dBFS SNR with 30 MHz input (3.2 V p-p input, 80 MSPS)
   89 dBc SFDR with 30 MHz input (3.2 V p-p input, 80 MSPS)
   95 dBFS 2-tone SFDR with 9.8 MHz and 10.8 MHz (100 MSPS)
   60 fsec rms jitter
   Excellent linearity
      DNL = ±0.4 LSB typical
      INL = ±3.0 LSB typical
   2.0 V p-p to 4.0 V p-p differential full-scale input
   Buffered analog inputs
   LVDS outputs (ANSI-644 compatible) or CMOS outputs
   Data format select (offset binary or twos complement)
   Output clock available
   3.3 V and 5 V supply operation

APPLICATIONS
   MRI receivers
   Multicarrier, multimode cellular receivers
   Antenna array positioning
   Power amplifier linearization
   Broadband wireless
   Radar
   Infrared imaging
   Communications instrumentation




Similar Part No. - AD9446-80PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
16-Bit, 80/100 MSPS ADC
REV. 0
AD9446-80LVDS/PCB AD-AD9446-80LVDS/PCB Datasheet
707Kb / 37P
16-Bit, 80/100 MSPS ADC
Rev. 0
AD9446-80LVDSPCB AD-AD9446-80LVDSPCB Datasheet
959Kb / 36P
16-Bit, 80/100 MSPS ADC
REV. 0
AD9446-80LVDSPCB AD-AD9446-80LVDSPCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results


Similar Description - AD9446-80PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
16-Bit, 80/100 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
16-Bit, 80/100 MSPS ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Microchip Technology
MCP37D31-80 MICROCHIP-MCP37D31-80 Datasheet
3Mb / 141P
80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
02/28/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com