Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-10 Datasheet (PDF) - Panasonic Semiconductor

T-10 Datasheet PDF - Panasonic Semiconductor
Part # T-10
Download  T-10 Download
File Size   386.6 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Multi-purpose Snap Switches capable of 10 A

T-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
T-10 Datasheet PDF - Panasonic Semiconductor

Part # T-10
Download  T-10 Click to download

File Size   386.6 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Multi-purpose Snap Switches capable of 10 A

T-10 Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - T-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-10 COOPER-T-10 Datasheet
129Kb / 2P
Edison base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-10 EATON-T-10 Datasheet
129Kb / 2P
Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
3M Electronics
T-100 3M-T-100 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
HDSL Application Pulse Transformer
01/23/98
More results


Similar Description - T-10

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ASKHC2P04AC ITT-ASKHC2P04AC Datasheet
373Kb / 6P
General Purpose Snap-acting Switches
logo
C&K Components
ASKHC2P04AC CK-COMPONENTS-ASKHC2P04AC Datasheet
227Kb / 5P
General Purpose Snap-acting Switches
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
T-15 PANASONIC-T-15 Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
logo
NXP Semiconductors
MC32XSG NXP-MC32XSG Datasheet
3Mb / 66P
Multi-purpose high-side switches
Rev. 5-21 July 2021
logo
C&K Components
A CK-COMPONENTS-A_V01 Datasheet
580Kb / 5P
General Purpose Snap-acting Switches
27 Oct 21
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com