Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2W140CG Datasheet (PDF) - Nihon Inter Electronics Corporation

D2W140CG Datasheet PDF - Nihon Inter Electronics Corporation
Part # D2W140CG
Download  D2W140CG Download
File Size   162.81 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description SSR - 120/240V 40A (RMS)

D2W140CG Datasheet (PDF)

Go To PDF Page Download Datasheet
D2W140CG Datasheet PDF - Nihon Inter Electronics Corporation

Part # D2W140CG
Download  D2W140CG Click to download

File Size   162.81 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description SSR - 120/240V 40A (RMS)

D2W140CG Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - D2W140CG

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
D2W140CD NI-D2W140CD Datasheet
180Kb / 3P
120/240V 40A
More results


Similar Description - D2W140CG

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2W130CD NIEC-D2W130CD Datasheet
165Kb / 3P
SSR - 120/240V 30A (RMS)
PHA15DW2RP NIEC-PHA15DW2RP Datasheet
313Kb / 3P
SSR - 240V 15/25A (RMS)
logo
National Instruments Co...
D2N140CD NI-D2N140CD Datasheet
188Kb / 3P
120/240V 40A
D2W140CD NI-D2W140CD Datasheet
180Kb / 3P
120/240V 40A
logo
Schneider Electric
HOM240 SCHNEIDER-HOM240 Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
HOM240C SCHNEIDER-HOM240C Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
Nov 22, 2019
HOM140 SCHNEIDER-HOM140 Datasheet
93Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
HOM140C SCHNEIDER-HOM140C Datasheet
57Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOUR140 SCHNEIDER-QOUR140 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com