Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1BPQR Datasheet (PDF) - STMicroelectronics

STPMIC1BPQR Datasheet PDF - STMicroelectronics
Part # STPMIC1BPQR
Download  STPMIC1BPQR Download
File Size   8810.64 Kbytes
Page   140 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Highly integrated power management IC for micro processor units

STPMIC1BPQR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPMIC1BPQR Datasheet PDF - STMicroelectronics

Part # STPMIC1BPQR
Download  STPMIC1BPQR Click to download

File Size   8810.64 Kbytes
Page   140 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Highly integrated power management IC for micro processor units

STPMIC1BPQR Datasheet (HTML) - STMicroelectronics


STPMIC1BPQR Product details

Description
The STPMIC1 is a fully integrated power management IC designed for products based on high integrated application processor designs requiring low power and high efficiency. The device integrates advanced low power features controlled by a host processor via I²C and IO interface. The STPMIC1 regulators are designed to supply power to the application processor as well as to the external system peripherals such as: DDR, Flash memories and other system devices. The boost converter can power up to 3 USB ports (two 500 mA host USB and one 100 mA USB OTG). Its advanced bypass architecture allows the smooth regulation of VBUS for USB ports from a battery as well as low-cost consumer 5 V AC-DC adapters. 4 buck SMPS are optimized to provide an excellent transient response and an output voltage precision for a wide range of operating conditions, high full range efficiency (η up to 90%) by implementing a low power mode with a smooth transition from PFM to PWM and also an advanced PWM synchronization technique with an integrated PLL for a better noise (EMI performance). Product status link STPMIC1 Device summary

Features
■ Input voltage range from 2.8 V to 5.5 V
■ 4 adjustable general purpose LDOs
■ 1 LDO for DDR3 termination (sink-source), bypass mode for low power DDR or as general purpose LDO
■ 1 LDO for USB PHY supply with automatic power source detection
■ 1 reference voltage LDO for DDR memory
■ 4 adjustable adaptive constant on-time (COT) buck SMPS converters
■ 5.2 V / 1.1 A boost SMPS with bypass mode for 5 V input or battery input
■ 1 power switch 500 mA USB OTG compliant
■ 1 power switch 500 mA/1000 mA general purpose
■ User programmable non-volatile memory (NVM), enabling scalability to support a wide range of applications
■ I²C and digital IO control interface
■ WFQFN 44L (5x6x0.8)

Applications
■ Power management for embedded micro processor units
■ Wearable and IoT
■ Portable devices
■ Man-machine interfaces
■ Smart home
■ Power management unit companion chip of the STM32MP1 MPU




Similar Part No. - STPMIC1BPQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
More results


Similar Description - STPMIC1BPQR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
Highly integrated embedded processor
1996 Aug 07
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
List of Unclassifed Man...
DA6011-02HDA1 ETC2-DA6011-02HDA1 Datasheet
305Kb / 2P
DA6011 Highly integrated power and clock supply IC for new generation Intel Atom processor
logo
Intersil Corporation
ISL95852 INTERSIL-ISL95852 Datasheet
109Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
September 10, 2015
ISL95906 INTERSIL-ISL95906 Datasheet
126Kb / 2P
Integrated Power Management IC for VR12.6??Platform
December 24, 2014
logo
Dialog Semiconductor
DA6001 DIALOG-DA6001 Datasheet
836Kb / 3P
Highly integrated power and Clock supply IC for new
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
Renesas Technology Corp
ISL95852 RENESAS-ISL95852 Datasheet
189Kb / 2P
Integrated Power Management IC for IMVP8??Platforms
ISL95906 RENESAS-ISL95906 Datasheet
193Kb / 2P
Integrated Power Management IC for VR12.6??Platforms
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com