Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC-1648 Datasheet (PDF) - 3M Electronics

EC-1648 Datasheet PDF - 3M Electronics
Part # EC-1648
Download  EC-1648 Download
File Size   20.81 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Scotch-WeldTM Structural Adhesive

EC-1648 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC-1648 Datasheet PDF - 3M Electronics

Part # EC-1648
Download  EC-1648 Click to download

File Size   20.81 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Scotch-WeldTM Structural Adhesive

EC-1648 Datasheet (HTML) - 3M Electronics


EC-1648 Product details

Features
■ Cures to a strong durable bond in 24-48 hours at 75°F (24°C).
■ Paste viscosity which allows the use of Scotch-Weld EC-1648 B/A on vertical or overhead surfaces with little or no tendency to flow.
■ Good adhesion to steel.
■ Good retention of strength after aging in many environments. Technical Data June, 2002 Product Description (B) Base (A) Accelerator Color: White Green Base: Modified Epoxy Synthetic Resin Weight/Gallon: 10.9 lbs./gal. 8.7 lbs./gal. Viscosity: Heavy Paste Heavy Paste Solids: 100% 100% Work Life: Approximately 60 Min. Approximately 60 Min. Mix Ratio: 3 parts by wt. 2 parts by wt. Product Application Proper adhesive application is as important as proper bond design and adhesive choice to obtain maximum joint properties. Improper adhesive application techniques can result in partial or complete failure of an assembly. Scotch-Weld EC-1648 B/A performance data reported in later section (Test Results) was developed using the following suggested procedures. Variations from these procedures should be fully evaluated to insure bond properties sufficient to meet the requirements of your particular assembly. Surface Preparation A thoroughly cleaned, dry, grease-free surface is essential for maximum performance. Cleaning methods which will produce a break-free water film on metal surfaces are generally satisfactory.




Similar Part No. - EC-1648

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-1660 3M-EC-1660 Datasheet
17Kb / 3P
3M Scotch-Weld??Structural Adhesive Primer
More results


Similar Description - EC-1648

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3960 3M-EC-3960 Datasheet
22Kb / 5P
3M Scotch-WeldTM Structural Adhesive Primer
Aug-2002
EC-3924B 3M-EC-3924B Datasheet
43Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-2174 3M-EC-2174 Datasheet
19Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
Jun-2002
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2009
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
AF6 3M-AF6 Datasheet
31Kb / 8P
3M Scotch-WeldTM Structural Adhesive Films
Jul-2001
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com