Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

600X Datasheet (PDF) - 3M Electronics

600X Datasheet PDF - 3M Electronics
Part # 600X
Download  600X Download
File Size   67.47 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Diamond Lapping Film 600X Series

600X Datasheet (PDF)

Go To PDF Page Download Datasheet
600X Datasheet PDF - 3M Electronics

Part # 600X
Download  600X Click to download

File Size   67.47 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Diamond Lapping Film 600X Series

600X Datasheet (HTML) - 3M Electronics


600X Product details

Features
■ Long life
■ Produces superior surface finish
■ Reduces overall process time
■ Produces high yields
■ Eliminates slurries
■ Consistent results throughout life of product
■ Used in many applications and on a multitude of machines

Applications
■ Fiber optic connector processing, flat lapping, roll superfinishing. Mineral Size Grading Chart Substrates Ceramics, glass, stone, carbide, composites, exotic alloys and other hard materials. Bonding Resins 3M™ Diamond Lapping Films 631X, 641X, 651X and 661X/668X: Standard resin 3M™ Diamond Lapping Films 660XV, 662XW/666XW: Softer, tougher resin system with higher diamond content 3M™ Diamond Lapping Films 663X/664X: Hardest resin Technical Data November, 2007 Converted Forms Sheets, Discs and Rolls. Maximum width 12 in. Backing Polyester Film Nominal thickness: 1 mil, 1.5 mil, 2 mil, 3 mil Actual thickness: .92 mil, 1.46 mil, 1.97 mil, 2.97 mil, (± 0.05) Ultimate tensile strength - 26,500 psi (typical) Micron Grade Color (nominal) 0.1 Green 0.5 White 1.0 Lavender 1.5 Light Green 3.0 Pink 6.0 Brown 9.0 Blue 15.0 Orange 20.0 Burgundy 30.0 Green 45.0 Amber 60.0 Amber 3M I.D. Number Backing Thickness 1 mil 1.5 mil 2 mil 3 mil 3 mil 3 mil 3 mil Plain back 631X 641X 651X 660XV 661X 662XW 663X PSA back n/a n/a n/a n/a 668X 666XW 664X




Similar Part No. - 600X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
600X51109X CONEC-600X51109X Datasheet
35Kb / 1P
Metal hood 9 - 50 pos., EMI/RFI shielding with 2-3 cable output
2002.28.02.
600X51115X CONEC-600X51115X Datasheet
35Kb / 1P
Metal hood 9 - 50 pos., EMI/RFI shielding with 2-3 cable output
2002.28.02.
600X51125X CONEC-600X51125X Datasheet
35Kb / 1P
Metal hood 9 - 50 pos., EMI/RFI shielding with 2-3 cable output
2002.28.02.
600X51137X CONEC-600X51137X Datasheet
35Kb / 1P
Metal hood 9 - 50 pos., EMI/RFI shielding with 2-3 cable output
2002.28.02.
600X51150X CONEC-600X51150X Datasheet
35Kb / 1P
Metal hood 9 - 50 pos., EMI/RFI shielding with 2-3 cable output
2002.28.02.
More results


Similar Description - 600X

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
600X CompactFlash Card
logo
3M Electronics
983 3M-983 Datasheet
145Kb / 6P
3M Diamond Grade Conspicuity Markings Series 983 for Trucks and Trailers
Apr-2018
7071UV 3M-7071UV Datasheet
338Kb / 2P
3M Industrial Protective Film
Jan-2017
5498 3M-5498 Datasheet
131Kb / 5P
3M™ PTFE Film Tape 5498
Nov-2015
A165 3M-A165 Datasheet
142Kb / 2P
3M™ Diamond Pad Conditioner A165
May-2014
254X 3M-254X Datasheet
68Kb / 2P
3M??Lapping Film Aluminum Oxide 254X
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
562X 3M-562X Datasheet
69Kb / 2P
3M™ Lapping Films 562X and 566X
July 2014
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com