Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8K22 Datasheet (PDF) - Rohm

SP8K22 Datasheet PDF - Rohm
Part # SP8K22
Download  SP8K22 Download
File Size   150.65 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (45V, 4.5A)

SP8K22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K22 Datasheet PDF - Rohm

Part # SP8K22
Download  SP8K22 Click to download

File Size   150.65 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (45V, 4.5A)

SP8K22 Datasheet (HTML) - Rohm


SP8K22 Product details

Features

1) Built-in G-S Protection Diode.

2) Small and Surface Mount Package (SOP8).



Applications

Power switching , DC / DC converter , Inverter




Similar Part No. - SP8K22

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
45V NchNch Power MOSFET
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - SP8K22

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
Switching (45V, 7.0A)
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
Switching (30V, 4.5A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
Switching (45V, 6.0A)
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
Pch 45V 4.5A Power MOSFET
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
Switching (.30V, .4.5A)
logo
Linear Technology
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
logo
Rohm
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
Pch 45V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
Pch -45V -4.5A Power MOSFET
RD3H045SPFRA ROHM-RD3H045SPFRA Datasheet
2Mb / 15P
Pch -45V -4.5A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com