Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7236 Datasheet (PDF) - 3M Electronics

7236 Datasheet PDF - 3M Electronics
Part # 7236
Download  7236 Download
File Size   397.03 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Scotch-Weld 7236 B/A

7236 Datasheet (PDF)

Go To PDF Page Download Datasheet
7236 Datasheet PDF - 3M Electronics

Part # 7236
Download  7236 Click to download

File Size   397.03 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Scotch-Weld 7236 B/A

7236 Datasheet (HTML) - 3M Electronics


7236 Product details

Features
■ Toughened system providing extremely high mechanical strength
■ Wide service temperature range
■ Excellent environmental resistance
■ Full room temperature processing Product Characterization The following technical information and data should be considered representative or typical only and should not be used for specification purpose General Properties Part B Part A SW 7236 B/A white Off-white White Colour SW 7236 B/A black Off-white Black Base Modified epoxy Modified amine Consistency Thixotropic paste Slight gel Density 1.18 g / cm³ 1.05 g / cm³ Solids 100 % 100 % Viscosity (a) 800 – 2000 Pas 10 – 25 Pas Mix ratio by weight (by volume) 100 : 27 (100 : 31) Work life (b) at 23 ± 2 °C / Open time > 60 minutes / 20 minutes Handling strength(c) 3-4 hours Strength build-up at 23 ± 2 °C 0% 25% 50% 75% 100% 0h 2d 4d 6d 8d 10d 12d 14d Full cure cycle 14 days at room temperature Packaging Cans and pails (a) Brookfield RVF Spindle 7,2 Upm (b) 50 g of mixed adhesive (c) Time to reach 1 MPa Shear Strength . Technical Data Sheet Aerospace




Similar Part No. - 7236

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7236 GILWAY-7236 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
7236 FILTRAN-7236 Datasheet
146Kb / 1P
AUDIO Coupling Transformer
logo
Keystone Electronics Co...
7236 KEYSTONE-7236 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
ETTINGER GmbH.
7236 ETTINGER-7236 Datasheet
161Kb / 1P
Jack Srew UNC 4/40-4.8 thread 7.3mm Steel,zinc-plated/unassembled
logo
Clarke International
7236042 CLARKE-7236042 Datasheet
5Mb / 24P
SUBMERSIBLE PUMPS
GC1221 - rev 9
More results


Similar Description - 7236

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
1751B 3M-1751B Datasheet
140Kb / 8P
3M™ Scotch-Weld™ Epoxy Adhesive 1751 B/A
Dec-2009
DP640 3M-DP640 Datasheet
148Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive
Feb-2019
2158 3M-2158 Datasheet
174Kb / 9P
3M™ Scotch-Weld™ Epoxy Adhesive 2158 B/A
Dec-2009
1838 3M-1838 Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive 1838 B/A Green
Feb-2016
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
7246-2 3M-7246-2 Datasheet
533Kb / 4P
3M™ Scotch-Weld 7246-2 B/A FST
1751 3M-1751 Datasheet
140Kb / 8P
3M™ Scotch-Weld™ Epoxy Adhesive 1751 B/A
Dec-2009
RP-2220 3M-RP-2220 Datasheet
337Kb / 3P
3M??Scotch-Weld??Repair Paste RP-2220 B/A
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com