Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMR183NHM Datasheet (PDF) - International Rectifier

OMR183NHM Datasheet PDF - International Rectifier
Part # OMR183NHM
Download  OMR183NHM Download
File Size   304.18 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS

OMR183NHM Datasheet (PDF)

Go To PDF Page Download Datasheet
OMR183NHM Datasheet PDF - International Rectifier

Part # OMR183NHM
Download  OMR183NHM Click to download

File Size   304.18 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS

OMR183NHM Datasheet (HTML) - International Rectifier


OMR183NHM Product details

DESCRIPTION

These three terminal positive adjustable voltage regulators are designed to provide 7.5A, 5A, 3A, and 1.5A with higher efficiency than conventional voltage regulators. The devices are designed to operate to 1 Volt input to output differential and the dropout voltage is specified as a function of load current. All devices are pin compatible with older three terminal regulators. These devices are ideally suited for Space applications where small size, high reliability, and radiation tolerance is required. The high level of Radiation Tolerance of these devices makes them a desirable choice for LEO and many MEO and GEO communication satellites. Radiation testing is performed on a single wafer by wafer basis. Random die samples per wafer are selected, packaged and radiation tested to qualify each individual semiconductor wafer-by-wafer.



FEATURES

• Operates Down to 1V Dropout, 1.5V @ Max. Current

• .015% Line Regulation

• .01% Load Regulation

• 1% Reference Voltage

• Hermetic Isolated and Non-Isolated Packages

• Radiation Tolerant up to 150 kRad (Si)

• Available Hi-Rel Screened, Class B and Class S, MIL-STD-883




Similar Part No. - OMR183NHM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNH ETC-OMR117AHVNH Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNM ETC-OMR117AHVNM Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVSR ETC-OMR117AHVSR Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - OMR183NHM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com