Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10123N Datasheet (PDF) - NXP Semiconductors

10123N Datasheet PDF - NXP Semiconductors
Part # 10123N
Download  10123N Download
File Size   231.68 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple 4-3-3-Input Bus Driver

10123N Datasheet (PDF)

Go To PDF Page Download Datasheet
10123N Datasheet PDF - NXP Semiconductors

Part # 10123N
Download  10123N Click to download

File Size   231.68 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple 4-3-3-Input Bus Driver

10123N Datasheet (HTML) - NXP Semiconductors


10123N Product details

DESCRIPTION
The 10123 consists of three NOR Gates for use as Drivers.

FEATURES
• Typical propagation delay: 3.0ns
• Typical supply current (-IEE): 71mA




Similar Part No. - 10123N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10123 ETC-10123 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10123 HEYCO-10123 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Vishay Siliconix
101234 VISHAY-101234 Datasheet
100Kb / 1P
3-Inverter Assembly for the Power Electronics Lab
25-Nov-15
More results


Similar Description - 10123N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10106 ONSEMI-MC10106 Datasheet
99Kb / 4P
Triple 4-3-3-Input NOR Gate
1996 REV 5
MC10123 ONSEMI-MC10123 Datasheet
102Kb / 4P
Triple 4-3-3-Input Bus Driver
1996 REV 5
MC10H123 ONSEMI-MC10H123 Datasheet
100Kb / 4P
Triple 4-3-3-Input Bus Driver
REV 5
logo
Texas Instruments
SN74H61 TI-SN74H61 Datasheet
84Kb / 2P
TRIPLE 3-INPUT EXPANDER
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
ON Semiconductor
MC10H123 ONSEMI-MC10H123_06 Datasheet
143Kb / 5P
Triple 4?????묲nput Bus Driver
February, 2006 ??Rev. 7
MC10106 ONSEMI-MC10106_02 Datasheet
85Kb / 4P
Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
MC10123 ONSEMI-MC10123_02 Datasheet
88Kb / 4P
Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
ON Semiconductor
MC10H123 ONSEMI-MC10H123_16 Datasheet
146Kb / 5P
Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com