Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28H Datasheet (PDF) - 3M Electronics

28H Datasheet PDF - 3M Electronics
Part # 28H
Download  28H Download
File Size   87.45 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotchgard™ Pretreatment Cleaner Concentrate 28H

28H Datasheet (PDF)

Go To PDF Page Download Datasheet
28H Datasheet PDF - 3M Electronics

Part # 28H
Download  28H Click to download

File Size   87.45 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotchgard™ Pretreatment Cleaner Concentrate 28H

28H Datasheet (HTML) - 3M Electronics


28H Product details

Description
Scotchgard™ Pretreatment Cleaner Concentrate 28H is to be diluted and dispensed using the 3M™ Twist ’n Fill™ Cleaning Chemical Management System. Pretreatment loosens and suspends soil to allow heavy soil to be removed during carpet extraction. Scotchgard™ Pretreatment Cleaner Concentrate is formulated for use with Scotchgard™ Carpet and Upholstery Protector Concentrate and is an important part of the 3M carpet care system. Special Features  Heavy-duty formula  Low-foaming formula  No sticky residue to cause re-soiling  Carpet and Rug Institute (CRI) Seal of Approval

Applications
■ Commercial and residential carpets
■ Most carpet fibers (nylon, polyester,
■ olefins, wool and blends)
■ Most carpet styles (loop or cut piles)
■ Safe for use on stain-resistant nylon fibers Packaging 2-liter bottle 6 bottles per case Each 2-liter bottle yields 24 ready-to-use gallons (1:44 dilution) General Use Directions




Similar Part No. - 28H

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
28H-2D-A MULTICOMP-28H-2D-A Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
28H-2D-A MULTICOMP-28H-2D-A Datasheet
162Kb / 1P
Knob
13/12/12
28H-2D-B MULTICOMP-28H-2D-B Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
28H-2D-B MULTICOMP-28H-2D-B Datasheet
162Kb / 1P
Knob
13/12/12
logo
Infineon Technologies A...
28HL01GTPA03 INFINEON-28HL01GTPA03 Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
More results


Similar Description - 28H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
SOLDER PASTES/CLEANER
logo
NTE Electronics
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
ECG Cleaner/Lubricant
logo
Tyco Electronics
1918803-1 MACOM-1918803-1 Datasheet
173Kb / 2P
OPTIPOP R Reel Cleaner
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
Click Cleaner
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
logo
3M Electronics
UHS25 3M-UHS25 Datasheet
62Kb / 2P
Scotchgard™ 1UHS 25 Floor Finish
May-2010
27H 3M-27H Datasheet
83Kb / 2P
Scotchgard™ Extraction Cleaner Concentrate 27H
Oct-2012
27A 3M-27A Datasheet
236Kb / 2P
Scotchgard™ Extraction Cleaner Concentrate 27A and 27H
Jun-2016
11L 3M-11L Datasheet
106Kb / 2P
Scotchgard™ Bonnet Cleaner Concentrate
Mar-2018
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com