Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1495 Datasheet (PDF) - Renesas Technology Corp

F1495 Datasheet PDF - Renesas Technology Corp
Part # F1495
Download  F1495 Download
File Size   118.41 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1W High Linearity RF Amplifier 3300MHz to 4200MHz

F1495 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1495 Datasheet PDF - Renesas Technology Corp

Part # F1495
Download  F1495 Click to download

File Size   118.41 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1W High Linearity RF Amplifier 3300MHz to 4200MHz

F1495 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F1495

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490 RENESAS-F1490 Datasheet
4Mb / 48P
High Gain RF Amplifier 1.8GHz to 6.4GHz
November 15, 2021
F1490EVB-2P5 RENESAS-F1490EVB-2P5 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490EVB-3P6 RENESAS-F1490EVB-3P6 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1490NLGA RENESAS-F1490NLGA Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
More results


Similar Description - F1495

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH202 WJCI-AH202 Datasheet
422Kb / 9P
1W High Linearity Amplifier
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
1W High Linearity Amplifier
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
1W High Linearity Amplifier
logo
Renesas Technology Corp
F1471 RENESAS-F1471 Datasheet
1Mb / 23P
0.5W High Linearity RF Amplifier 400MHz to 4200MHz
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
1W High Linearity Amplifier
logo
Renesas Technology Corp
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com