Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2914 Datasheet (PDF) - Renesas Technology Corp

F2914 Datasheet PDF - Renesas Technology Corp
Part # F2914
Download  F2914 Download
File Size   787.14 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP4T RF Switch, 50MHz to 8000MHz

F2914 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2914 Datasheet PDF - Renesas Technology Corp

Part # F2914
Download  F2914 Click to download

File Size   787.14 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP4T RF Switch, 50MHz to 8000MHz

F2914 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2914

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2914 IDT-F2914 Datasheet
1Mb / 19P
High Reliability SP4T RF Switch
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
More results


Similar Description - F2914

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
logo
Integrated Device Techn...
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
F2914 IDT-F2914 Datasheet
1Mb / 19P
High Reliability SP4T RF Switch
logo
Mini-Circuits
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
logo
Infineon Technologies A...
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com