Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSB40K Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

FMSB40K Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # FMSB40K
Download  FMSB40K Download
File Size   933.44 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description SURFACE MOUNT BRIDGE RECTIFIERS

FMSB40K Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSB40K Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # FMSB40K
Download  FMSB40K Click to download

File Size   933.44 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description SURFACE MOUNT BRIDGE RECTIFIERS

FMSB40K Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.


FMSB40K Product details

Features:
• Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 4.0 A
• Fast reverse recovery time
• Designed for Surface Mount Application




Similar Part No. - FMSB40K

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FMSB40K YFWDIODE-FMSB40K Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
FMSB40K YFWDIODE-FMSB40K Datasheet
381Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
More results


Similar Description - FMSB40K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com