Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD8228 Datasheet (PDF) - First Silicon Co., Ltd

FTD8228 Datasheet PDF - First Silicon Co., Ltd
Part # FTD8228
Download  FTD8228 Download
File Size   1036.88 Kbytes
Page   12 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description High Efficiency 1MHz, 2A Step Up Regulator

FTD8228 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTD8228 Datasheet PDF - First Silicon Co., Ltd

Part # FTD8228
Download  FTD8228 Click to download

File Size   1036.88 Kbytes
Page   12 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description High Efficiency 1MHz, 2A Step Up Regulator

FTD8228 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTD8228

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD8201 FS-FTD8201 Datasheet
857Kb / 10P
White LED Step-up Converter
FTD8203 FS-FTD8203 Datasheet
1Mb / 13P
White LED Step-up Converter
FTD8210 FS-FTD8210 Datasheet
1Mb / 15P
High Efficiency 1.5MHz, Step Up Regulator
More results


Similar Description - FTD8228

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
High Efficiency 1MHz, 2A, Step up Regulator
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
SHOUDING Shouding Semic...
SX1308 SHOUDING-SX1308 Datasheet
1Mb / 6P
High Efficiency 1.2MHz 2A Step Up Regulator
logo
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
High Efficiency 1.2MHz, 2A Step Up Regulator
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
logo
Silergy Corp.
SY7208 SILERGY-SY7208 Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com