Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62332P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62332P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62332P
Download  M62332P Download
File Size   37.24 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62332P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62332P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62332P
Download  M62332P Click to download

File Size   37.24 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62332P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62332P Product details

DESCRIPTION
The M62332/M62337 is an integrated circuit semiconductor of CMOS structure with 2 channels of built in D-A converters with output buffer operational amplifiers.
The input is 2-wires serial method is used for the transfer format of digital data to allow connection with a microcomputer with minimum wiring.
The output buffer operational amplifier employs AB class output circuit with sync and source drive capacity of 1.0mA or more,and it operates in the whole voltage range from Vcc to ground.
The M62332 and the M62337 differ only in their slave address.

FEATURES
• Digital data transfer format
   I2C BUS serial data method
• Output buffer operational amplifier
   it operates in the whole voltage range from Vcc to ground.
• High output current drive capacity
   ±1.0mA over

APPLICATION
   Conversion from digital data to analog control data for home-use and industrial equipment.
   Signal gain control or automatic adjustment of DISPLAY-MONITOR or CTV.




Similar Part No. - M62332P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
142Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Similar Description - M62332P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com