Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2586 Datasheet (PDF) - Integral Corp.

INA2586 Datasheet PDF - Integral Corp.
Part # INA2586
Download  INA2586 Download
File Size   85.12 Kbytes
Page   1 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface

INA2586 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2586 Datasheet PDF - Integral Corp.

Part # INA2586
Download  INA2586 Click to download

File Size   85.12 Kbytes
Page   1 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface

INA2586 Datasheet (HTML) - Integral Corp.


INA2586 Product details

The INA2586 is a 8-Kbit (1024 x 8-bit) n-MOS floating gate electrically erasable programmable read only memory (EEPROM). IC works in systems with serial I2C-bus. Up to two INA2586 devices may be connected to the I2C-bus.The programming of the array is implemented by electron’s tunneling. The programming voltage is generated on-chip, using a voltage multiplier. Device is functionally identical to the SDA2586, Siemens. IC are made in 8-pin DIP and 8-pin SOP.

FEATURES
♦ Non-volatile storage of information during 10 years
♦ Single supply (Ucc=4,75 B - 5,25 B)
♦ On-chip voltage multiplier
♦ On-chip generator of bulk biasing
♦ Serial input/output I2C-bus
♦ 10 000 ERASE/WRITE cycles per byte;
♦ Internal reprogramming (no external components)
♦ Duration of the ERASE/WRITE cycle is 15 ms
♦ Temperature range: 0 ÷ +70°C




Similar Part No. - INA2586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250 TI1-INA250 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI2-INA250-Q1 Datasheet
1Mb / 35P
INA250 36-V, Bidirectional, Precision Current Sense Amplifier With Integrated Shunt Resistor
REVISED SEPTEMBER 2023
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI2-INA250A1 Datasheet
1Mb / 35P
INA250 36-V, Bidirectional, Precision Current Sense Amplifier With Integrated Shunt Resistor
REVISED SEPTEMBER 2023
More results


Similar Description - INA2586

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
KODENSHI_AUK CORP.
KKA2586 KODENSHI-KKA2586 Datasheet
99Kb / 2P
1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com