Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12L64164A Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

M12L64164A Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # M12L64164A
Download  M12L64164A Download
File Size   730.81 Kbytes
Page   44 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 1M x 16 Bit x 4 Banks Synchronous DRAM

M12L64164A Datasheet (PDF)

Go To PDF Page Download Datasheet
M12L64164A Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A
Download  M12L64164A Click to download

File Size   730.81 Kbytes
Page   44 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 1M x 16 Bit x 4 Banks Synchronous DRAM

M12L64164A Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


M12L64164A Product details

GENERAL DESCRIPTION

The M12L64164A is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 1,048,576 words by 16 bits. Synchronous design allows precise cycle controls with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.



FEATURES

● JEDEC standard 3.3V power supply

● LVTTL compatible with multiplexed address

● Four banks operation

● MRS cycle with address key programs

- CAS Latency (2 & 3)

- Burst Length (1, 2, 4, 8 & full page)

- Burst Type (Sequential & Interleave)

● All inputs are sampled at the positive going edge of the system clock

● DQM for masking

● Auto & self refresh

● 64ms refresh period (4K cycle)

   - 15.6 μ s refresh interval



 




Similar Part No. - M12L64164A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A Datasheet
814Kb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A Datasheet
1Mb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A Datasheet
826Kb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A Datasheet
818Kb / 44P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
JEDEC standard 3.3V power supply
More results


Similar Description - M12L64164A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com