Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP47C201 Datasheet (PDF) - Toshiba Semiconductor

TMP47C201 Datasheet PDF - Toshiba Semiconductor
Part # TMP47C201
Download  TMP47C201 Download
File Size   1076.96 Kbytes
Page   32 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS 4-bit Microcontroller

TMP47C201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP47C201 Datasheet PDF - Toshiba Semiconductor

Part # TMP47C201
Download  TMP47C201 Click to download

File Size   1076.96 Kbytes
Page   32 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS 4-bit Microcontroller

TMP47C201 Datasheet (HTML) - Toshiba Semiconductor


TMP47C201 Product details

The 47C101/201 are high speed and high performance 4-bit single chip microcomputers, integrating ROM, RAM, input/output ports and timer/counters on a chip. The 47C101/201 are the standard type devices in the TLCS-47E series.

Features
• 4-bit single chip microcomputer
• Instruction execution time: 1.3µs (at 6MHz)
• Low voltage operation: 2.2V (at 2MHz RC)
• 89 basic instructions
   - Instruction set is the same as TLCS-47 series
• ROM table look-up instructions
• Subroutine nesting: 15 levels max.
• 5 interrupt sources (External: 2, Internal: 3)
   - All sources have independent latches each, and multiple
      interrupt control is available
• I/O port (11 pins)
• 12-bit Timer/Counters (TC2)
   - Timer, event counter, and pulse width measurement
      mode
• 12-bit programmable Timer (TC1)
• Interval Timer
• High current outputs
   - LED direct drive capability: typ. 20mA x 4 bits (Port R4)
• Hold function
   - Battery/Capacitor back-up
• Real Time Emulator: BM4721A + BM1160 (for DIP)




Similar Part No. - TMP47C201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP47C201MG TOSHIBA-TMP47C201MG Datasheet
2Mb / 42P
Document Change Notification
TMP47C201MG TOSHIBA-TMP47C201MG Datasheet
1Mb / 61P
Microcomputers / Microcomputer Development Systems
TMP47C201PG TOSHIBA-TMP47C201PG Datasheet
2Mb / 42P
Document Change Notification
TMP47C201PG TOSHIBA-TMP47C201PG Datasheet
1Mb / 61P
Microcomputers / Microcomputer Development Systems
More results


Similar Description - TMP47C201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP42C40 TOSHIBA-TMP42C40 Datasheet
945Kb / 23P
CMOS 4-BIT MICROCONTROLLER
TMP42C50N TOSHIBA-TMP42C50N Datasheet
259Kb / 13P
CMOS 4-BIT MICROCONTROLLER
TMP47C1237 TOSHIBA-TMP47C1237 Datasheet
275Kb / 10P
CMOS 4-BIT MICROCONTROLLER
TMP47C1238 TOSHIBA-TMP47C1238 Datasheet
941Kb / 30P
CMOS 4-BIT MICROCONTROLLER
TMP47C200AN TOSHIBA-TMP47C200AN Datasheet
107Kb / 4P
CMOS 4-BIT MICROCONTROLLER
TMP47P403VN TOSHIBA-TMP47P403VN Datasheet
365Kb / 10P
CMOS 4 BIT MICROCONTROLLER
TMP47C221ADF TOSHIBA-TMP47C221ADF Datasheet
926Kb / 20P
CMOS 4-BIT MICROCONTROLLER
TMP47P202VP TOSHIBA-TMP47P202VP Datasheet
431Kb / 11P
CMOS 4-BIT MICROCONTROLLER
TMP47C660AN TOSHIBA-TMP47C660AN Datasheet
3Mb / 64P
CMOS 4-BIT MICROCONTROLLER
TMP47C102P TOSHIBA-TMP47C102P Datasheet
2Mb / 36P
CMOS 4-BIT MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com