Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2H30F4 Datasheet (PDF) - Nihon Inter Electronics Corporation

P2H30F4 Datasheet PDF - Nihon Inter Electronics Corporation
Part # P2H30F4
Download  P2H30F4 Download
File Size   154.66 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD MODULE 30A/400V

P2H30F4 Datasheet (PDF)

Go To PDF Page Download Datasheet
P2H30F4 Datasheet PDF - Nihon Inter Electronics Corporation

Part # P2H30F4
Download  P2H30F4 Click to download

File Size   154.66 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD MODULE 30A/400V

P2H30F4 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - P2H30F4

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
P2H30F4 KSS-P2H30F4 Datasheet
422Kb / 2P
Fast Recovery Diode
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
30A Avg 400 Volts
More results


Similar Description - P2H30F4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
P2H30F2 NIEC-P2H30F2 Datasheet
155Kb / 3P
FRD MODULE 30A/200V
P2H30F6 NIEC-P2H30F6 Datasheet
154Kb / 3P
FRD MODULE 30A/600V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
FRD MODULE 60A/400V
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
MagnaChip Semiconductor...
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
400V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPGB1N300U40 MGCHIP-MPGB1N300U40 Datasheet
627Kb / 5P
400V FRD Module
MPKB2SA MGCHIP-MPKB2SA Datasheet
639Kb / 5P
400V FRD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com