Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4008 Datasheet (PDF) - First Silicon Co., Ltd

FTK4008 Datasheet PDF - First Silicon Co., Ltd
Part # FTK4008
Download  FTK4008 Download
File Size   736.27 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description N-CH 40V Fast Switching MOSFETs

FTK4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK4008 Datasheet PDF - First Silicon Co., Ltd

Part # FTK4008
Download  FTK4008 Click to download

File Size   736.27 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description N-CH 40V Fast Switching MOSFETs

FTK4008 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK4008

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
30V, 0.56A, N?묬hannel, Gate ESD Protection
More results


Similar Description - FTK4008

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD4002 XINDEYI-UD4002 Datasheet
689Kb / 4P
N-Ch 40V Fast Switching MOSFETs
logo
uPI Group Inc.
QM4002AD UPI-QM4002AD Datasheet
267Kb / 4P
N-Ch 40V Fast Switching MOSFETs
QM4004D UPI-QM4004D Datasheet
220Kb / 4P
N-Ch 40V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA4004 FETEK-FKBA4004 Datasheet
554Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4048 FETEK-FKBA4048 Datasheet
460Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : B
FKBA4086A FETEK-FKBA4086A Datasheet
493Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBB4052 FETEK-FKBB4052 Datasheet
435Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : B
FKN4002 FETEK-FKN4002 Datasheet
483Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4002 FETEK-FKS4002 Datasheet
551Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4006 FETEK-FKS4006 Datasheet
550Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com