Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCB125N65S3 Datasheet (PDF) - ON Semiconductor

FCB125N65S3 Datasheet PDF - ON Semiconductor
Part # FCB125N65S3
Download  FCB125N65S3 Download
File Size   257.01 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 24 A, 125 m

FCB125N65S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCB125N65S3 Datasheet PDF - ON Semiconductor

Part # FCB125N65S3
Download  FCB125N65S3 Click to download

File Size   257.01 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 24 A, 125 m

FCB125N65S3 Datasheet (HTML) - ON Semiconductor


FCB125N65S3 Product details

Description
SUPERFET III MOSFET is ON Semiconductor’s brand−new high voltage super−junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on−resistance and lower gate charge performance. This advanced technology is tailored to minimize conduction loss, provides superior switching performance, and withstand extreme dv/dt rate.
Consequently, SUPERFET III MOSFET Easy drive series helps manage EMI issues and allows for easier design implementation.

Features
• 700 V @ TJ = 150°C
• Typ. RDS(on)= 105 Ω
• Ultra Low Gate Charge (Typ. Qg = 46 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.)= 439 pF)
• 100% Avalanche Tested
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Telecom / Server Power Supplies
• Industrial Power Supplies
• UPS / Solar




Similar Part No. - FCB125N65S3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCB125N65S3 ISC-FCB125N65S3 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FCB125N65S3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCMT180N65S3 ONSEMI-FCMT180N65S3 Datasheet
479Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 17 A, 180 m
February, 2020 ??Rev. 5
FCP125N65S3R0 ONSEMI-FCP125N65S3R0 Datasheet
392Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 24 A, 125 m
August, 2019 ??Rev. 5
FCP165N65S3R0 ONSEMI-FCP165N65S3R0 Datasheet
392Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
August, 2019 ??Rev. 7
FCPF165N65S3R0L ONSEMI-FCPF165N65S3R0L Datasheet
327Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
December, 2020 ??Rev. 7
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
NVD360N65S3 ONSEMI-NVD360N65S3 Datasheet
319Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 360 m, 10 A
December, 2020-Rev. 0
FCB099N65S3 ONSEMI-FCB099N65S3 Datasheet
328Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 30 A, 99 m
February, 2020 ??Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCMT125N65S3 ONSEMI-FCMT125N65S3 Datasheet
494Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy-Drive 650 V, 24 A, 125 m
February, 2020 ??Rev. 2
FCB070N65S3 ONSEMI-FCB070N65S3 Datasheet
316Kb / 10P
MOSFET - Power, N-Channel, SUPERFET III, Easy Drive 650 V, 44 A, 70 m
April, 2020 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com