Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4356-3 Datasheet (PDF) - Analog Devices

LT4356-3 Datasheet PDF - Analog Devices
Part # LT4356-3
Download  LT4356-3 Download
File Size   631.76 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Surge Stopper with Fault Latchoff

LT4356-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT4356-3 Datasheet PDF - Analog Devices

Part # LT4356-3
Download  LT4356-3 Click to download

File Size   631.76 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Surge Stopper with Fault Latchoff

LT4356-3 Datasheet (HTML) - Analog Devices


LT4356-3 Product details

DESCRIPTION
The LT®4356-3 surge stopper protects loads from high voltage transients. It regulates the output during an overvoltage event, such as load dump in automobiles, by controlling the gate of an external N-channel MOSFET.

FEATURES
■ Stops High Voltage Surges
■ Adjustable Output Clamp Voltage
■ Overcurrent Protection
■ Wide Operation Range: 4V to 80V
■ Reverse Input Protection to –60V
■ Low 7µA Shutdown Current
■ Adjustable Latchoff Fault Timer
■ Controls N-channel MOSFET
■ Shutdown Pin Withstands –60V to 100V
■ Fault Output Indication
■ Auxiliary Amplifier for Level Detection Comparator or
   Linear Regulator Controller
■ Available in 12-Pin 4mm × 3mm DFN,
   10-Pin MSOP, and 16-Pin SO Packages

APPLICATIONS
■ Automotive/Avionic Surge Protection
■ Hot Swap/Live Insertion
■ High Side Switch for Battery Powered Systems




Similar Part No. - LT4356-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LT4356-3 LINER-LT4356-3 Datasheet
300Kb / 24P
Surge Stopper with Fault Latchoff
LT4356-3 LINER-LT4356-3 Datasheet
289Kb / 24P
Surge Stopper with Ideal Diode
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
Surge Stopper with Fault Latchoff
More results


Similar Description - LT4356-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
Surge Stopper with Fault Latchoff
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com