Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6445 Datasheet (PDF) - Broadcom Corporation.

AMGP-6445 Datasheet PDF - Broadcom Corporation.
Part # AMGP-6445
Download  AMGP-6445 Download
File Size   146.33 Kbytes
Page   9 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er

AMGP-6445 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMGP-6445 Datasheet PDF - Broadcom Corporation.

Part # AMGP-6445
Download  AMGP-6445 Click to download

File Size   146.33 Kbytes
Page   9 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er

AMGP-6445 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMGP-6445

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6445 AVAGO-AMGP-6445 Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
AMGP-6445-BLKG AVAGO-AMGP-6445-BLKG Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
AMGP-6445-TR1G AVAGO-AMGP-6445-TR1G Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
AMGP-6445-TR2G AVAGO-AMGP-6445-TR2G Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
More results


Similar Description - AMGP-6445

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
40.5 - 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6441 AVAGO-AMMP-6441 Datasheet
263Kb / 9P
36-40 GHz, 0.4W Power Amplifi er in SMT Package
logo
Broadcom Corporation.
MGA-53543 BOARDCOM-MGA-53543 Datasheet
147Kb / 14P
50 MHz to 6 GHz High Linear Amplifi er
DEMO-MGA-5X BOARDCOM-DEMO-MGA-5X Datasheet
147Kb / 14P
50 MHz to 6 GHz High Linear Amplifi er
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
AMMP-6441 BOARDCOM-AMMP-6441 Datasheet
263Kb / 9P
36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com