Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBMB50B12 Datasheet (PDF) - Nihon Inter Electronics Corporation

PBMB50B12 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PBMB50B12
Download  PBMB50B12 Download
File Size   116.1 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE H-Bridge 50A 1200V

PBMB50B12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBMB50B12 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PBMB50B12
Download  PBMB50B12 Click to download

File Size   116.1 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE H-Bridge 50A 1200V

PBMB50B12 Datasheet (HTML) - Nihon Inter Electronics Corporation


PBMB50B12 Product details

IGBT MODULE H-Bridge 50A 1200V




Similar Part No. - PBMB50B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
logo
National Instruments Co...
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Similar Description - PBMB50B12

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
IGBT MODULE(1200V,50A)
logo
Nihon Inter Electronics...
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
PBMB150B12 NIEC-PBMB150B12 Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 150A 1200V
PBMB50E6 NIEC-PBMB50E6 Datasheet
265Kb / 4P
IGBT Module-H Bridge 50A, 600V
logo
Littelfuse
MG1250S-BA1MM LITTELFUSE-MG1250S-BA1MM Datasheet
1Mb / 6P
1200V 50A IGBT Module
logo
MacMic
MMG50J120UZ MACMIC-MMG50J120UZ Datasheet
535Kb / 4P
1200V 50A IGBT Module
MMG50J120UZ6TC MACMIC-MMG50J120UZ6TC Datasheet
462Kb / 4P
1200V 50A IGBT Module
MMG50S120B6HN MACMIC-MMG50S120B6HN Datasheet
451Kb / 5P
1200V 50A IGBT Module
MMG50S120B6UC MACMIC-MMG50S120B6UC Datasheet
338Kb / 6P
1200V 50A IGBT Module
MMG50S120UA6TN MACMIC-MMG50S120UA6TN Datasheet
429Kb / 5P
1200V 50A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com