Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6440 Datasheet (PDF) - Broadcom Corporation.

AMMC-6440 Datasheet PDF - Broadcom Corporation.
Part # AMMC-6440
Download  AMMC-6440 Download
File Size   226.97 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 37 - 42 GHz Power Amplifier

AMMC-6440 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6440 Datasheet PDF - Broadcom Corporation.

Part # AMMC-6440
Download  AMMC-6440 Click to download

File Size   226.97 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 37 - 42 GHz Power Amplifier

AMMC-6440 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMC-6440

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6440 HP-AMMC-6440 Datasheet
435Kb / 8P
37 - 42 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6440 AVAGO-AMMC-6440 Datasheet
226Kb / 8P
Integrated RF power detector
More results


Similar Description - AMMC-6440

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA038P5-00 ALPHA-AA038P5-00 Datasheet
129Kb / 2P
37-39 GHz GaAs MMIC Power Amplifier
logo
Fairchild Semiconductor
RMPA39200 FAIRCHILD-RMPA39200 Datasheet
236Kb / 8P
37-40 GHz 1.6 Watt Power Amplifier MMIC
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
37-40 GHz GaAs MMIC Power Amplifier
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
37-40 GHz 1 Watt Power Amplifier MMIC
logo
Agilent(Hewlett-Packard...
AMMC-6440 HP-AMMC-6440 Datasheet
435Kb / 8P
37 - 42 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH310 HITTITE-HMC-ALH310 Datasheet
191Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 37 - 42 GHz
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
37 - 40 GHz 1W Power Amplifier
TGA4538 TRIQUINT-TGA4538_15 Datasheet
508Kb / 17P
37 to 40 GHz Power Amplifier
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
37 to 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
37 - 40 GHz 1W Power Amplifier
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com