| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
MK02FN128VLH10
|
875Kb / 56P |
100 MHz Cortex-M4 Based Microcontroller with FPU
|
 Analog Devices |
ADSP-SC582
|
3Mb / 168P |
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF |
 NXP Semiconductors |
KV4XP100M168
|
773Kb / 63P |
168 MHz ARM Cortex-M4 core based Microcontroller with FPU
Rev. 3, 06/2016 |
 Adlink Technology Inc. |
ATCA-9300
|
352Kb / 2P |
10 Gigabit Ethernet AdvancedTCA짰 Processor Blade
|
 Analog Devices |
ADSP-SC570
|
3Mb / 142P |
SHARC Dual-Core DSP with ARM Cortex-A5
6/2018-Rev. A to Rev. B |
|
ADSP-21591
|
3Mb / 143P |
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD |
 Maxim Integrated Produc... |
MAX32666
|
361Kb / 45P |
Low-Power Arm Cortex-M4 with FPU-Based Microcontroller with Bluetooth 5 for Wearables
2021 |
 Analog Devices |
ADSP-SC582
|
3Mb / 173P |
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B |
|
ADSP-21591
|
3Mb / 145P |
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A |
 Microchip Technology |
SAMA5D27C
|
8Mb / 2554P |
Ultra-low power ARM Cortex-A5 core-based MPU, 500 MHz, Graphics Interface, Ethernet 10/100, CAN, USB, Security, Automotive
Rev. A - 03/2018 |