Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10012 Datasheet (PDF) - Nihon Inter Electronics Corporation

PC10012 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PC10012
Download  PC10012 Download
File Size   219.32 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 100A/1200 to 1600V

PC10012 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC10012 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PC10012
Download  PC10012 Click to download

File Size   219.32 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 100A/1200 to 1600V

PC10012 Datasheet (HTML) - Nihon Inter Electronics Corporation


PC10012 Product details

DIODE MODULE 100A/1200 to 1600V

FEATURES
* Isolated Base
* Dual Diodes Cathode Common and Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184

TYPICAL APPLICATIONS
* Rectified For General Use




Similar Part No. - PC10012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012 Datasheet
157Kb / 2P
100A Avg 12001600 Volts
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
100A Avg 12001600 Volts
More results


Similar Description - PC10012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC6012 NIEC-PC6012 Datasheet
213Kb / 3P
DIODE MODULE 60A/1200 to 1600V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PC20012 NIEC-PC20012 Datasheet
204Kb / 3P
DIODE MODULE 200A/1200 to 1600V
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
List of Unclassifed Man...
6RI100P-160 ETC2-6RI100P-160 Datasheet
148Kb / 3P
Diode Module 1600V / 100A
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
Diode Module 1600V / 100A
logo
MacMic
MMK100U160UX6J MACMIC-MMK100U160UX6J Datasheet
255Kb / 4P
1600V 100A Thyristor/Diode Module
MMK150T160UX6J MACMIC-MMK150T160UX6J Datasheet
265Kb / 4P
1600V 100A Thyristor/Diode Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com