Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB75A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB75A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB75A6
Download  PDMB75A6 Download
File Size   108.74 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 75A 600V

PDMB75A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB75A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB75A6
Download  PDMB75A6 Click to download

File Size   108.74 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 75A 600V

PDMB75A6 Datasheet (HTML) - Nihon Inter Electronics Corporation


PDMB75A6 Product details

IGBT MODULE Dual 75A 600V




Similar Part No. - PDMB75A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB75A6 NIEC-PDMB75A6 Datasheet
142Kb / 4P
75 A 600 V
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
75 A 600 V
More results


Similar Description - PDMB75A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB75A6 NIEC-PBMB75A6 Datasheet
114Kb / 3P
IGBT MODULE H-Bridge 75A 600V
PCHMB75A6 NIEC-PCHMB75A6 Datasheet
112Kb / 3P
IGBT MODULE Chopper 75A 600V
PCHMB75A6A NIEC-PCHMB75A6A Datasheet
112Kb / 3P
IGBT MODULE Chopper 75A 600V
PRHMB75A6 NIEC-PRHMB75A6 Datasheet
112Kb / 3P
IGBT MODULE Chopper 75A 600V
logo
Micross Components
MIMMG75SR060UZK MICROSS-MIMMG75SR060UZK Datasheet
2Mb / 5P
600V 75A IGBT Module RoHS Compliant
MIMMG75SR060UZA MICROSS-MIMMG75SR060UZA Datasheet
2Mb / 5P
600V 75A IGBT Module RoHS Compliant
logo
Littelfuse
MG0675S-BN4MM LITTELFUSE-MG0675S-BN4MM Datasheet
1Mb / 5P
600V 75A IGBT Module
logo
MacMic
MMG75HB060B6EN MACMIC-MMG75HB060B6EN Datasheet
314Kb / 6P
600V 75A IGBT Module
MMG75S060B6EN MACMIC-MMG75S060B6EN Datasheet
426Kb / 5P
600V 75A IGBT Module
MMG75S060B6TC MACMIC-MMG75S060B6TC Datasheet
358Kb / 6P
600V 75A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com